Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 23 of 140
ADCs AND TELEMETRY
Two kinds of ADCs are used in the ADP1055:
Low frequency (LF) Σ-Δ ADCs that runs at 1.56 MHz for
accurate measurement and telemetry
High frequency (HF) flash ADCs for the feedback and
control loop
Σ-Δ ADCs have a resolution of one bit and operate differently
from traditional flash ADCs. The equivalent resolution obtain-
able depends on how long the output bit stream of the Σ-Δ ADC
is sampled.
Σ-Δ ADCs also differ from Nyquist rate ADCs in that the quan-
tization noise is not uniform across the frequency spectrum. At
lower frequencies, the noise is lower, and at higher frequencies,
the noise is higher (see Figure 28).
Figure 28. Noise Performance for Nyquist Rate and Σ-Δ ADCs
The low frequency ADC runs at approximately 1.56 MHz. For a
specified bandwidth, the equivalent resolution can be calculated
as follows:
ln(1.56 MHz/BW)/ln2 = N bits
For example, at a bandwidth of 95 Hz, the equivalent
resolution/noise is
ln(1.56 MHz/95)/ln2 = 14 bits
At a bandwidth of 1.5 kHz, the equivalent resolution/noise is
ln(1.56 MHz/1.5 kHz)/ln2 = 10 bits
The ADC output information is available in the value registers
(Register 0xFE96 to Register 0xFEA3) or through the PMBus
READ_x commands, where x = VOUT, IOUT, and so on.
ADCs FOR CURRENT SENSING
The ADP1055 has two current sense inputs: CS1 and CS2±.
These inputs sense, protect, and control the primary input current
and the secondary output current information. The CS1 and
CS2± inputs can be calibrated to reduce errors due to external
components for accurate telemetry.
CS1 ADC for Primary Side Current
The CS1 pin is typically used for the monitoring and protection
of the primary side current. The primary side current is sensed
using a current transformer (CT). The input signal at the CS1 pin
is fed into the CS1 ADC for current monitoring. Figure 29 shows
the typical configuration for the current sense. The READ_IIN
command reports the average input current; this reading is
updated every 10.5 ms.
Figure 29. Current Sense 1 (CS1) Operation
CS2 ADC for Secondary Side Current
The CS2+ and CS2− pins are differential inputs used for the
monitoring and protection of the secondary side current. The
ADP1055 supports differential sensing using low-side current
sensing with two ranges for the ADC: 30 mV and 60 mV.
The low input range is used to operate in level shifting mode,
when the CS2 terminals are connected directly to the shunt
resistor (see Figure 30). In this mode, a pair of internal resistors
and current sources are used to perform the necessary level
shifting. In this mode, only low-side current sensing is possible,
and the ADC range is programmable to 30 mV or 60 mV.
Figure 30. Differential Low-Side Sensing
FREQUENCY
NYQUIST ADC
NOISE
Σ-∆ ADC
NOISE
CS1
1kΩ
10Ω
I = 100mA
I = 10A
VIN
OUTA
OUTB
OUTC
OUTD
ADC
12 BITS
VREF
FAST
OCP
1:100
1V
CS2–
AGND
CS2 RANGES
RANGE1 = 0mV TO 30mV
RANGE2 = 0mV TO 60mV
CS2 FAST OCP
0mV TO 60mV/6 BITS
(STEP SIZE 0.952mV)
CS2 ADC
IOUT_OC_LIMIT
IOUT_UC_LIMIT
CS2 IREV LIMIT
0mV TO –30mV
(STEP SIZE 0.4762mV)
ILOAD
ADP1055
CS2+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com