Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 86 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 86 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 82Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 84Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 85Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 86Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 88Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 89Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 86 of 140
MANUFACTURER SPECIFIC PMBUS COMMAND DESCRIPTIONS
Table 127. Register 0xFE00—GO_CMD
Bits
Bit Name
R/W
Description
7
Reserved
R/W
Reserved.
6
SYNC
W
This bit latches Register 0xFE55.
5
VFF
W
This bit latches Register 0xFE29.
4
Double update rate,
VS balance
W
This bit latches Register 0xFE57 and Register 0xFE25.
3
Filter GO
W
This bit latches Register 0xFE4A, Register 0xFE01 to Register 0xFE0C, Register 0xFE5E, and
Register 0xFE66.
2
Frequency GO
W
Update switching frequency programmed by FREQUENCY_SWITCH command
(Register 0x33).
1
PWM GO
W
Update Register 0xFE0D to Register 0xFE1C, Register 0xFE1F to Register 0xFE24, and
Register 0xFE15 to Register 0xFE1C
0
Voltage reference GO
W
Update reference voltage commanded by the VOUT_COMMAND (Register 0x21).
Figure 85. Digital Filter Programmability
Table 128. Register 0xFE01—NM_DIGFILT_LF_GAIN_SETTING (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
[7:0]
LF gain setting
R/W
This register determines the low frequency gain of the loop response in normal mode. It is
programmable over a 20 dB range. Each LSB corresponds to a 0.3 dB increase. See Figure 85.
Table 129. Register 0xFE02—NM_DIGFILT_ZERO_SETTING (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
[7:0]
Zero setting
R/W
This register determines the position of the final zero in normal mode. See Figure 85.
Table 130. Register 0xFE03—NM_DIGFILT_POLE_SETTING (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
[7:0]
Pole setting
R/W
This register determines the position of the final pole in normal mode. See Figure 85.
Table 131. Register 0xFE04—NM_DIGFILT_HF_GAIN_SETTING (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
[7:0]
HF gain setting
R/W
This register determines the high frequency gain of the loop response in normal mode. It is
programmable over a 20 dB range. Each LSB corresponds to a 0.3 dB increase. See Figure 85.
Table 132. Register 0xFE05—LLM_DIGFILT_LF_GAIN_SETTING (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
[7:0]
LF gain setting
R/W
This register determines the low frequency gain of the loop response in light load mode. It is
programmable over a 20 dB range. Each LSB corresponds to a 0.3 dB increase. See Figure 85.
POLE LOCATION RANGE
ZERO
POLE
100Hz
500Hz
1kHz
5kHz
10kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com