Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 18 of 140
VDD/VCORE OVLO
The ADP1055 has built-in overvoltage protection (OVP) on its
supply rails. When the VDD or VCORE voltage rises above the
OVLO threshold, the response can be programmed using
Register 0xFE4D. It is recommended that when a VDD/VCORE
OVP fault occurs, the response be set to download the EEPROM
before restarting the ADP1055. All features related to the OVLO
function—such as debounce, fault ignore, and download EEPROM
upon receiving a fault condition—are programmable using
Register 0xFE4D[7:4].
VDD overvoltage is ignored when the device is downloading
information from the EEPROM, even if the overvoltage occurs
during the initial power-up or due to the setting of Register
0xFE4D[6]. VDD overvoltage is recognized as a fault only after
the EEPROM download is complete. The ADP1055 has a 4 ms
idle time after an EEPROM download.
If the VDD overvoltage occurs during the ramp-up of VDD and
the ADP1055 has not initiated the EEPROM download, the
device responds according to the default setting of Bit 7 in
Register 0xFE4D, which is to ignore VDD OV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com