Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 79 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 79 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 79Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 82Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 79 of 140
READ_VIN
The READ_VIN command returns the input voltage value (V) in linear data format (X = Y × 2N).
Table 79. Register 0x88—READ_VIN
Bits
Bit Name
R/W
Description
[15:11]
Exponent-N
R
Twos complement N-exponent used in linear data format (X = Y × 2N).
[10:0]
Mantissa-Y
R
Twos complement Y-mantissa used in linear data format (X = Y × 2N).
READ_IIN
The READ_IIN command returns the input current value (A) in linear data format (X = Y × 2N).
Table 80. Register 0x89—READ_IIN
Bits
Bit Name
R/W
Description
[15:11]
Exponent-N
R
Twos complement N-exponent used in linear data format (X = Y × 2N).
[10:0]
Mantissa-Y
R
Twos complement Y-mantissa used in linear data format (X = Y × 2N).
READ_VOUT
The READ_VOUT command returns the output voltage value (V) in linear data format (V = Y × 2N). Exponent N is set using
VOUT_MODE[4:0].
Table 81. Register 0x8B—READ_VOUT
Bits
Bit Name
R/W
Description
[15:0]
Mantissa-Y
R
Unsigned Y-mantissa used in output voltage related commands in linear data format (V = Y × 2N).
READ_IOUT
The READ_IOUT command returns the output current value (A) in linear data format (V = Y × 2N).
Table 82. Register 0x8C—READ_IOUT
Bits
Bit Name
R/W
Description
[15:11]
Exponent-N
R
Twos complement N-exponent used in linear data format (X = Y × 2N).
[10:0]
Mantissa-Y
R
Twos complement Y-mantissa used in linear data format (X = Y × 2N).
Reserved
This register is reserved.
Table 83. Register 0x8D—Reserved
Bits
Bit Name
R/W
Description
[15:0]
Reserved
R
Reserved.
READ_TEMPERATURE_2
The READ_TEMPERATURE_2 command returns the External 1 (forward diode) temperature (°C) in linear data format (X = Y × 2N).
Table 84. Register 0x8E—READ_TEMPERATURE_2
Bits
Bit Name
R/W
Description
[15:11]
Exponent-N
R
Twos complement N-exponent used in linear data format (X = Y × 2N).
[10:0]
Mantissa-Y
R
Twos complement Y-mantissa used in linear data format (X = Y × 2N).
READ_TEMPERATURE_3
The READ_TEMPERATURE_3 command returns the External 2 (reverse diode) temperature (°C) in linear data format (X = Y × 2N).
Table 85. Register 0x8F—READ_TEMPERATURE_3
Bits
Bit Name
R/W
Description
[15:11]
Exponent-N
R
Twos complement N-exponent used in linear data format (X = Y × 2N).
[10:0]
Mantissa-Y
R
Twos complement Y-mantissa used in linear data format (X = Y × 2N).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com