Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 89 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 89 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 85Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 86Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 88Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 89Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 90Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 91Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 92Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 89 of 140
Table 146. Register 0xFE1D—ADT_CONFIG
Bits
Bit Name
R/W
Description
7
Averaging period
R/W
1 = 9-bit averaging (327 μs).
0 = 12-bit averaging (2.6 ms).
6
ADT reference
R/W
0 = CS1 as reference.
1 = CS2 as reference.
[5:3]
Update rate
R/W
The ADT algorithm adjusts the dead time in steps of 5 ns. These bits are used to program
the number of PWM switching cycles between each step. The number is calculated as 2N + 1,
where N is the 3-bit value specified by these bits. If N = 6 (110), each PWM edge is adjusted
by 5 ns every 26 + 1 = 65 switching cycles.
[2:0]
Multiplier
R/W
These bits specify the programming step for Register 0xFE1F to Register 0xFE22, Bits[6:4] and
Bits[2:0].
Bit 2
Bit 1
Bit 0
Multiplier
0
0
0
5
0
0
1
10
0
1
0
15
0
1
1
20
1
0
0
25
1
0
1
30
1
1
0
35
1
1
1
40
Table 147. Register 0xFE1E—ADT_THRESHOLD
Bits
Bit Name
R/W
Description
[7:0]
Adaptive dead time
threshold
R/W
This register sets the ADT threshold. This 8-bit number is compared to the eight MSBs of the
CS1/CS2 value register.
When the current level measured on CS1/CS2 falls below this threshold, the edges of the PWM
signals are affected as a linear function of the CS1/CS2 current, as programmed in Register 0xFE1F
to Register 0xFE24. When this register is programmed to 0x00, the ADT function is disabled.
When CS1 is used as the reference, each LSB in this register corresponds to 1.6 V/28 = 6.25 mV.
When CS2 is used as the reference, each LSB in this register corresponds to 26.25 mV, 52.5 mV,
or 420 mV]/28 = 102.539 μV, 205.078 μV, or 1640.625 μV. Also note that when CS2 is used as the
reference, the maximum allowed value in this register is 224 (0xE0).
Table 148. Register 0xFE1F, Register 0xFE20, Register 0xFE21, Register 0xFE22—OUTA_DEAD_TIME, OUTB_DEAD_TIME,
OUTC_DEAD_TIME, OUTD_DEAD_TIME (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
7
t1, t3, t5, t7, t9, t11
polarity
R/W
0 = positive polarity.
1 = negative polarity.
[6:4]
t1, t3, t5, t7, t9, t11
offset
R/W
This value multiplied by Register 0xFE1D[2:0] determines the offset for t1, t3, t5, t7, t9, t11 from
nominal timing at no load.
Bit 6
Bit 5
Bit 4
Offset (ns)
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
6
1
1
1
7
3
t2, t4, t6, t8, t10, t12
polarity
R/W
0 = positive polarity.
1 = negative polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com