Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 26 of 140
The LF ADC is trimmed in production and has high accuracy
over supply, voltage, and temperature; therefore, the autocorrection
loop eliminates all errors due to offsets in the high frequency
ADC. The ADP1055 assumes that the voltage on the LF ADC is
accurate and precise and changes the setpoint (or reference)
accordingly so that the VS± pins measure 1.0 V. Any additional
offset in the output voltage is due to the tolerances of the external
resistor dividers alone.
The speed of the autocorrection loop can be changed using
Register 0xFE4A[5:3]. This feature can also be disabled.
The autocorrection loop stores the correction value until the
ADP1055 is power cycled. When the power is turned off and
then on again, the autocorrection loop is repeated to maintain
the most accurate output voltage.
Figure 33. Output Voltage Sampling Point at Minimum
and Maximum Input Voltage
NONLINEAR GAIN/RESPONSE
To enhance the dynamic performance of the power supply
during a load transient, the nonlinear gain can be used. The
error voltage is the reference voltage minus the divided-down
output voltage by use of a resistive divider. During steady state,
this error voltage is 0 V. During a transient condition, the error
voltage is not zero and the digital compensator acts on the error
voltage and adjusts the control input to correct for the error.
This may take several switching cycles, especially during a
transition from DCM to CCM. In such cases, a boosted error
signal aids in reducing the settling time and can even avoid an
overshoot in some cases. The ADP1055 has a programmable
increase in error voltage depending on how far the absolute
error voltage is with respect to 0 V. There are four ranges: 1% to
2%, 2% to 3.5%, 3.5% to 4%, and >4%.
The nonlinear gain boost is programmable in Register 0xFE5E
and Register 0xFE29[0].
It is recommended that the loop gain of the power supply be
measured with the highest programmed gain setting. It is also
recommended that an additional gain margin of 4 dB be used
when this feature is used due to the nonlinear effect.
Figure 34. Ideal Settings for Nonlinear Gain (Highest Gain Setting
for Highest Error)
INTEGRATOR WINDUP AND OUTPUT VOLTAGE
REGULATION LOSS (OVERSHOOT PROTECTION)
The ADP1055 limits the amount of integrator gain when the
output voltage is out of regulation for a long period of time due
to any of the following:
Large reduction in input voltage
Large and sudden change in output voltage setpoint
Excessive load
The ADP1055 limits the amount of integrator gain to prevent
overshoot caused by integrator windup. When duty cycle saturation
occurs due to any of these conditions, there is an inherent lag in
the system because the integrator is the slowest element of the
feedback control path. The ADP1055 inherently prevents the
integrator gain from increasing beyond a large value, but offers
an additional layer of protection. If the output voltage is out of
regulation for more than a certain number of switching cycles,
the reference/setpoint is set to the current output voltage, and a
soft start from precharge is initiated at a rate programmed by the
VOUT_TRANSITION_RATE command (Register 0x27). This
behavior eliminates any overshoot in the output voltage. This
setting and the number of switching cycles can be programmed
in Register 0xFE4A[7:6].
ACCURATE SECONDARY OVERCURRENT
PROTECTION
The CS2 ADC is used to measure the average value of the
secondary current via the CS2± pins. The 12 MSBs of the
reading (CS2_VALUE, Register 0xFE99[13:2]) are converted
into PMBus format and compared to the configured threshold
to make a fault decision. The LSB of the reading is equal to
CS2 range/2x
where:
CS2 range is the value set in Register 0xFE4F[1:0].
x is the number of bits in Register 0xFE4B[4:3].
tSW
VRIPPLE
VIN_MIN
VIN_MAX
TIME
TIME
2
1
tSW
2
tSW
3
tSW
0V
0V
SAMPLE
HERE
SAMPLE
HERE
SAMPLE
HERE
–4
–4
–3
–3
–2
–1
0
1
2
3
4
–2
–1
0
ERROR VOLTAGE (%HF ADC FSR)
123
4
0xFE29[0] = 0
0xFE29[0] = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com