Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 12 of 140
Pin No.
Mnemonic
Description
18
GPIO2
Programmable General-Purpose Input/Output. If this pin is not used, connect it to AGND.
19
GPIO1
Programmable General-Purpose Input/Output. If this pin is not used, connect it to AGND.
20
CTRL
Power Supply On Input. This signal is referenced to AGND. This pin is the hardware PSON control signal. It is
recommended that a 1 nF capacitor be connected from the CTRL pin to AGND for decoupling. If this pin is not
used, connect it to AGND.
21
SCL
I2C/PMBus Serial Clock Input and Output (Open Drain). This signal is referenced to AGND.
22
SDA
I2C/PMBus Serial Data Input and Output (Open Drain). This signal is referenced to AGND.
23
SMBALRT
Power-Good Output (Open Drain). This signal is referenced to AGND. This pin is also used as the PMBus ALERT
signal.
24
ISHARE
Digital Current Sharing Input and Output (Open Drain). This signal is referenced to AGND.
25
VCORE
VDD for the Digital Core. Connect a decoupling capacitor of at least 330 nF (1 μF maximum) from this pin to DGND
as close to the IC as possible to minimize the PCB trace length. Do not use the VCORE pin as a reference or load it
in any way.
26
VDD
Positive Supply Input. This signal is referenced to AGND. Connect a 4.7 μF decoupling capacitor from this pin to
AGND as close to the IC as possible to minimize the PCB trace length.
27
DGND
Digital Ground. This pin is the ground reference for the digital circuitry. Star connect to AGND.
28
AGND
IC Analog Ground.
29
JRTN
Temperature Sensor Return. If this pin is not used, connect it to AGND.
30
RES
Resistor Input. This pin sets the internal reference for the internal PLL frequency. Connect a 10 kΩ resistor (±0.1%)
from RES to AGND. Do not load this pin with any capacitance. This signal is referenced to AGND.
31
ADD
I2C/PMBus Address Select Input. Connect a resistor from ADD to AGND. This signal is referenced to AGND.
32
JTD
Thermal Sensor Input. A PN junction sensor is connected from this pin to the JRTN pin. If this pin is not used,
connect it to JRTN.
EP
Exposed Pad. For increased reliability of the solder joints and maximum thermal capability, it is recommended
that the exposed pad on the underside of the package be soldered to the PCB AGND plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com