Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 49 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 49 of 140
GROUP COMMAND PROTOCOL
In addition to the communication protocols described in the
Data Transfer Commands section, the PMBus slave supports a
special group command in which commands are sent to multiple
slaves in a single serial transmission. The commands to each
slave can be different from one another, with each set of {slave-
address, command} separated by a repeated start (Sr) bit (see
Figure 78). At the end of a transmission to all slaves, a single
stop (P) bit is sent to initiate concurrent execution of the
received commands by all slaves.
Note that the PEC byte transmitted to each slave is calculated
using only its slave address, command code, and data bytes.
Figure 78. Group Command Protocol with PEC
CLOCK GENERATION AND STRETCHING
The ADP1055 is always a PMBus slave device in the overall
system; therefore, the device never needs to generate the clock,
which is done by the master device in the system. However, the
PMBus slave device is capable of clock stretching to put the
master in a wait state. By stretching the SCL signal during the
low period, the slave device communicates to the master device
that it is not ready and that the master device must wait.
Conditions where the PMBus slave device stretches the SCL line
low include the following:
Master device is transmitting at a higher baud rate than the
slave device.
Receive FIFO buffer of the slave device is full and must be
read before continuing to prevent a data overflow
condition.
Slave device is not ready to send data that the master has
requested.
Note that the slave device can stretch the SCL line only during the
low period. Also, whereas the I2C specification allows indefinite
stretching of the SCL line, the PMBus specification limits the
maximum time that the SCL line can be stretched, or held low,
to 25 ms, after which the ADP1055 must release the communica-
tion lines and reset its state machine.
START AND STOP CONDITIONS
Start and stop conditions involve serial data transitions while
the serial clock is at a logic high level. The PMBus slave device
monitors the SDA and SCL lines to detect the start and stop
conditions and transition its internal state machine accordingly.
Figure 79 shows typical start and stop conditions.
Figure 79. Start and Stop Transitions
REPEATED START CONDITION
In general, a repeated start (Sr) condition is the absence of a stop
condition between two transfers. The PMBus communication
protocol makes use of the repeated start condition only when
performing a read access (read byte, read word, and block read).
Other uses of the repeated start condition are not allowed.
GENERAL CALL SUPPORT
The PMBus slave is capable of decoding and acknowledging a
general call address. The PMBus device responds to both its own
address and the general call address (0x00).
Note that all PMBus commands must start with the slave address
with the R/W bit cleared (set to 0), followed by the command code.
This is also true when using the general call address to communi-
cate with the PMBus slave device. The only exception to this
rule is when the SMBALRT alert response address is used.
ALERT RESPONSE ADDRESS (ARA)
If a PMBus slave device supports the SMBALRT hardware pin
to interrupt the master on a fault condition, the SMBus Alert
Response Address Protocol must be supported to allow commu-
nication between the master and slave on the device that triggers
the fault.
When the SMBALRT pin on the slave is asserted, the master
queries the address of the slave device that triggered the fault by
sending the alert response address (0001 to 100x). In response
to this address, the slave with the asserted SMBALRT pin
acknowledges (ACKs) the address and responds with its own
slave address (7-bit address and plus 0). If multiple slave devices
have their SMBALRT pins asserted, the slave with the lowest
address wins the arbitration and subsequently deasserts its
SMBALRT pin.
Figure 80. ARA Protocol with PEC
S
SLAVE 1
ADDRESS
SLAVE 2
ADDRESS
DATA
1 . . . N
W
A
A
A
COMMAND
CODE
1
PEC
1
Sr
DATA
1 . . . N
W
A
A
A
A
A
A
COMMAND
CODE
2
PEC
2
SLAVE M
ADDRESS
Sr
DATA
1 . . . N
W
A
A
P
A
COMMAND
CODE
M
PEC
M
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
S
7-BIT
ARA
x
A
A
A
P
SLAVE
ADDRESS
PEC
BYTE
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com