Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 8 of 140
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Measurement Accuracy for
External Temperature Sensor
With BC847A transistor (nf = 1.00);
Register 0xFE5A[2:0] = 0x04
Forward Temperature Sensor
Error from −40°C to +25°C
−11.7
+13.4
°C
Error from 25°C to 125°C
−8.9
+14.7
°C
Reverse Temperature Sensor
Error from 25°C to 125°C
−9.7
+14.4
°C
CTRL, SMBALRT, SYNC, GPIO1 TO
GPIO4, ISHARE PINS
Digital inputs/outputs
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
VDD − 0.8
V
Propagation Delay
40
ns
GPIOx Rise Time
GPIOx configured as an output
3.5
ns
GPIOx Fall Time
GPIOx configured as an output
1.5
ns
Leakage Current
SMBALRT, SYNC, GPIO1 TO GPIO4, and
ISHARE pins
1.0
μA
CTRL pin
10.0
μA
SYNC PIN
Synchronization to external frequency
50
1000
kHz
Minimum On Pulse
40
ns
Synchronization Range2
−10.0
+10.0
% fSW
Leakage Current
1.0
μA
BLACK BOX PROGRAMMING TIME
1.2
36 × 1.2
ms
SDA/SCL PINS
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
2.1
V
Output Low Voltage
VOL
0.4
V
Leakage Current
1.0
μA
SERIAL BUS TIMING
See Figure 3
Clock Operating Frequency
10
100
400
kHz
Bus Free Time
tBUF
Between stop and start conditions
1.3
μs
Start Hold Time
tHD;STA
Hold time after (repeated) start condition;
after this period, the first clock is generated
0.6
μs
Start Setup Time
tSU;STA
Repeated start condition setup time
0.6
μs
Stop Setup Time
tSU;STO
0.6
μs
SDA Setup Time
tSU;DAT
100
ns
SDA Hold Time
tHD;DAT
For write and for readback
300
ns
SCL Low Timeout
tTIMEOUT
25
35
ms
SCL Low Period
tLOW
1.3
μs
SCL High Period
tHIGH
0.6
μs
Clock Low Extend Time
tLO;SEXT
25
ms
SCL, SDA Fall Time
tF
20
300
ns
SCL, SDA Rise Time
tR
20
300
ns
EEPROM RELIABILITY
Endurance3
TJ = 85°C
10,000
Cycles
TJ = 125°C
1000
Cycles
Data Retention4
TJ = 85°C
20
Years
TJ = 125°C
15
Years
1 Differential voltage from CS2+ to CS2−.
2 fSW is the switching frequency set in Register 0x33.
3 Endurance is qualified as per JEDEC Standard 22, Method A117, and is measured at −40°C, +25°C, +85°C, and +125°C.
4 Retention lifetime equivalent at junction temperature (TJ) = 85°C as per JEDEC Standard 22, Method A117. Retention lifetime derates with junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com