Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 66 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 67Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 68Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 69Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 66 of 140
IOUT_CAL_OFFSET
The IOUT_CAL_OFFSET command is used to null any offsets in the output current sensing circuit (in amperes).
Table 37. Register 0x39—IOUT_CAL_OFFSET
Bits
Bit Name
R/W
Description
[15:11]
Exponent-N
R/W
Twos complement N-exponent used in linear data format (X = Y × 2N).
[10:0]
Mantissa-Y
R/W
Twos complement Y-mantissa used in linear data format (X = Y × 2N).
VOUT_OV_FAULT_LIMIT
The VOUT_OV_FAULT_LIMIT command sets the upper voltage threshold (in volts) measured at the sense/output pin that causes an
overvoltage fault condition. The exponent N is set using VOUT_MODE[4:0].
Table 38. Register 0x40—VOUT_OV_FAULT_LIMIT
Bits
Bit Name
R/W
Description
[15:0]
Mantissa-Y
R/W
Unsigned Y-mantissa used in output voltage related commands in linear data format (V = Y × 2N).
VOUT_OV_FAULT_RESPONSE
The VOUT_OV_FAULT_RESPONSE command instructs the device on the actions to take due to an output overvoltage fault. The device
notifies the host and sets the VOUT_OV_FAULT bit in the STATUS_BYTE register, the VOUT bit in the STATUS_WORD register, and
the VOUT_OV_FAULT bit in the STATUS_VOUT register.
Table 39. Register 0x41—VOUT_OV_FAULT_RESPONSE
Bits
Bit Name
R/W
Description
[7:6]
Response
R/W
Determines the device response to an overvoltage fault condition.
Bit 7
Bit 6
Response
0
0
Do nothing.
0
1
Continue operation for the delay time (Bits[2:0]). If the fault persists, retry the
number of times specified by Bits[5:3].
1
0
Shut down, disable the output, and respond as programmed in the retry
setting (Bits[5:3]).
1
1
Disable the output while the fault is present. Operation resumes and the
output is enabled when the fault condition no longer exists.
[5:3]
Retry setting
R/W
Number of retry attempts following a fault condition. A fault condition can be cleared by a reset,
a power-off/power-on sequence, or a loss of bias power.
Bit 5
Bit 4
Bit 3
Number of Retries
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
6
1
1
1
Infinite
[2:0]
Delay time
R/W
Number of delay time units (see Register 0xFE3E).
VOUT_OV_WARN_LIMIT
The VOUT_OV_WARN_LIMIT command sets the upper voltage threshold (in volts) measured at the sense/output pin that causes an
overvoltage warning condition. The exponent N is set using VOUT_MODE[4:0]. The device notifies the host and sets the NONE_OF_THE_
ABOVE bit in the STATUS_BYTE register, the VOUT bit in the STATUS_WORD register, and the VOUT_OV_WARNING bit in the
STATUS_VOUT register.
Table 40. Register 0x42—VOUT_OV_WARN_LIMIT
Bits
Bit Name
R/W
Description
[15:0]
Mantissa-Y
R/W
Unsigned Y-mantissa used in output voltage related commands in linear data format (V = Y × 2N).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com