Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 43 of 140
BLACK BOX FEATURE
BLACK BOX OPERATION
The ADP1055 supports a configurable black box feature. Using
this feature, the device records to the EEPROM vital data about
the faults that cause the system to shut down. Two dedicated
EEPROM pages are used for this purpose: Page 2 and Page 3.
When the ADP1055 encounters a fault with the action to shut
down the device, a snapshot of the current telemetry is taken, as
well as the first fault that caused the shutdown (see Figure 68).
If the black box feature is enabled, this information is saved to
the EEPROM before the device shuts down.
Figure 68. Black Box Write Operation
This black box feature is extremely helpful in troubleshooting a
failed system during testing and evaluation. If a system is recalled
for failure analysis, it is possible to read this information from
the EEPROM to help investigate the root cause of the failure.
Only a limited number of writes to the EEPROM are allowed.
Using Register 0xFE48[1:0], the user can set the level of infor-
mation that is logged in the black box, as follows:
No recording.
Only record telemetry just before the final shutdown.
Record telemetry of final shutdown and all intermittent
retry attempts (if device is set to shut down and retry).
Record telemetry of final shutdown, all retry attempts, and
normal power-down operations using the CTRL pin or the
OPERATION command.
Using Register 0xFE48[2], the user can program the maximum
number of records to 158,000 (recommended when the ambient
temperature of the ADP1055 is less than 85°C) or to 16,000
(when the ambient temperature of the ADP1055 is less than
125°C). If the number of records exceeds the programmed
value, the recording of data to the EEPROM is halted and the
STATUS_CML bit (Register 0x7E[0]) is set and remains set.
Data accumulated after the limit is reached is not reliable and
should be ignored.
If a device experiences multiple concurrent faults, the ID of the
first fault that triggers the system to shut down is captured in
the FIRST_FAULT_ID register (Register 0xFE95). The FFID
and all flag status and telemetry data are captured in the black
box at every write to the black box (see the Black Box Contents
section for a list of the data saved). The last valid byte of each
record is a PEC byte, which is used to calculate the validity of
each record stored in the EEPROM.
Following each recording, the record number (Rec_No) is
incremented, and this number is compared to the maximum
allowed number of records. If Rec_No equals the maximum
record number (158,000 or 16,000), no additional black box
recording is allowed because the EEPROM has reached its
maximum allowed erase program cycles and any additional
recording is unreliable.
BLACK BOX CONTENTS
Page 2 and Page 3 of the EEPROM are reserved for black box
operation. The size of each EEPROM page is 512 bytes; each
page is composed of eight records with 64 bytes each. Page 2
and Page 3 combined give a total of 16 records, which function
as a circular buffer for recording black box information.
The EEPROM is a page erase memory, and an entire page must
be erased before the page can be written to. Due to the page erase
requirement of the EEPROM, after writing the eighth record of
any page, the next page is automatically erased to allow for
continuous black box recording.
Each time a record is written in the black box, the device
increments the record number. Each EEPROM write records
the registers listed in Table 10.
PEC Byte
The packet error checking (PEC) byte at the end of each black
box record is specific to each record and is calculated using a
CRC-8 polynomial: C(x) = x8 + x2 + x1 + 1. The PEC byte is
calculated on the first four bytes of each record (called the
header block), one byte at a time. In a write to EEPROM, the
PEC byte is appended to the data and is the last valid byte of
that record. In a read from EEPROM, the header block of each
record is used to calculate an expected PEC code, and this
internally calculated PEC code is compared to the received PEC
byte. If the comparison fails, the PEC_ERR bit (STATUS_
CML[5]) is set, and that record is discarded because the validity
of the data has been compromised.
VOUT
PWM
FAULT
DETECTED
SHUTDOWN
DEBOUNCE
WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com