Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 51 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 51 of 140
TIMEOUT CONDITIONS
The SMBus specification, Version 2.0, includes three clock
stretching specifications related to timeout conditions. The
timeout conditions are described in the following sections.
TTIMEOUT
A timeout condition occurs if any single SCL clock pulse is held
low for longer than the TTIMEOUT MIN of 25 ms. Upon detecting the
timeout condition, the PMBus slave device has 10 ms to abort
the transfer, release the bus lines, and be ready to accept a new
start condition. The device initiating the timeout is required to
hold the SCL clock line low for at least TTIMEOUT MAX = 35 ms,
guaranteeing that the slave device is given enough time to reset
its communication protocol.
TLOW:SEXT
The TLOW:SEXT = 25 ms specification is defined as the cumulative
time that the SCL line is held low by the slave device in any one
message from the start to the stop condition. The PMBus slave
device is guaranteed by design not to violate this specification. If
the slave device violates this specification, the master is allowed
to abort the transaction in progress and issue a stop condition at
the conclusion of the byte transfer in progress.
TLOW:MEXT
The TLOW:MEXT = 10 ms specification is defined as the cumulative
time that the SCL line is held low by the master device in any one
byte of a message between the start-to-acknowledge, acknowledge-
to-acknowledge, or acknowledge-to-stop. If this specification is
violated, the PMBus device treats it as a timeout condition and
aborts the transfer. This check is not implemented in the ADP1055.
DATA TRANSMISSION FAULTS
Data transmission faults occur when two communicating devices
violate the PMBus communication protocol. The following
items are taken from the PMBus specification (Revision 1.2,
September 6, 2010). See the PMBus specification for more
information about each fault condition.
Corrupted Data, PEC (Item 10.8.1)
This item refers to parity error checking. The PMBus slave
device compares the received PEC byte with the calculated
expected PEC byte of each transmission, starting from the start
bit to the stop bit. If the comparison fails, it responds as follows:
Send a no acknowledge (NACK) for the PEC byte.
Flush and ignore the received command and data.
Set the CML bit (Bit 1) in the STATUS_BYTE register.
Set the PEC bit (Bit 5) in the STATUS_CML register.
Notify the host through SMBALRT, if enabled.
Sending Too Few Bits (Item 10.8.2)
Transmission is interrupted by a start or stop condition before a
complete byte (eight bits) has been sent. Not supported; any
transmitted data is ignored.
Reading Too Few Bits (Item 10.8.3)
Transmission is interrupted by a start or stop condition before a
complete byte (eight bits) has been read. Not supported; any
received data is ignored.
Hosts Sends or Reads Too Few Bytes (Item 10.8.4)
If a host ends a packet with a stop condition before the required
bytes are sent/received, it is assumed that the host intended to
stop the transfer. Therefore, the PMBus slave does not consider
this to be an error and takes no action, except to flush any
remaining bytes in the transmit FIFO.
Host Sends Too Many Bytes (Item 10.8.5)
If a host sends more bytes than are expected for the corresponding
command, the PMBus slave considers this a data transmission
fault and responds as follows:
Send a no acknowledge (NACK) for all unexpected bytes as
they are received.
Flush and ignore the received command and data.
Sets the CML bit (Bit 1) in the STATUS_BYTE register.
Set the invalid/unsupported data bit (Bit 6) in the
STATUS_CML register.
Notify the host through SMBALRT, if enabled.
Host Reads Too Many Bytes (Item 10.8.6)
If a host reads more bytes than are expected for the corresponding
command, the PMBus slave considers this a data transmission
fault and responds as follows:
Send all 1s (0xFF) as long as the host continues to request
data.
Set the CML bit (Bit 1) in the STATUS_BYTE register.
Set the Other bit (Bit 1) in the STATUS_CML register.
Notify host through SMBALRT, if enabled.
Device Busy (Item 10.8.7)
PMBus slave device is too busy to respond to a request from the
master device. This error can occur if the slave device is busy
accessing the EEPROM (for example, erasing a page, downloading
from EEPROM, or uploading to EEPROM). The PMBus slave
considers this a data transmission fault and responds as follows:
Send an acknowledge (ACK) for the address byte.
Send a no acknowledge (NACK) for the command and
data bytes.
Send all 1s (0xFF) as long as the host continues to request
data.
Set the busy bit (Bit 7) in the STATUS_BYTE register.
Notify the host through SMBALRT, if enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com