Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 53 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 53 of 140
LAYOUT GUIDELINES
This section describes best practices to ensure optimal performance
of the ADP1055. In general, place all components as close to the
ADP1055 as possible. All signals should be referenced to their
respective grounds.
CS2+ AND CS2− PINS
Route the traces from the sense resistor to the ADP1055 parallel
to each other. Keep the traces close together and as far from the
switch nodes as possible.
VS+ AND VS− PINS
Route the traces from the remote voltage sense point to the
ADP1055 parallel to each other. Keep the traces close together
and as far from the switch nodes as possible. Place a 100 nF
capacitor from VS− to AGND to reduce common-mode noise.
VDD PIN
Place decoupling capacitors as close to the device as possible. A
4.7 μF capacitor from VDD to AGND is recommended.
SDA AND SCL PINS
Route the traces to the SDA and SCL pins parallel to each other.
Keep the traces close together and as far from the switch nodes
as possible. It may be advantageous to add a filtering circuit, as
shown in Figure 81.
Figure 81. I2C Filtering Circuit
CS1 PIN
Route the traces from the current sense transformer to
the ADP1055 parallel to each other. Keep the traces close
together and as far from the switch nodes as possible.
EXPOSED PAD
Solder the exposed thermal pad on the underside of the ADP1055
package to the PCB AGND plane.
VCORE PIN
Place a 330 nF decoupling capacitor from the VCORE pin to
DGND, as close to the device as possible.
RES PIN
Place a 10 kΩ, 0.1% resistor from the RES pin to AGND, as
close to the device as possible.
JTD AND JRTN PINS
Route a single trace to the ADP1055 from the junction diode
using a trace to JRTN. If single-ended sensing is preferred, tie
the return to AGND using a dedicated trace. Make sure to lay
out the temperature sensor by isolating it and keeping it away
from any direct switch nodes. It is recommended that a 220 nF
to 470 nF capacitor be placed between the base-emitter junctions
of the thermal sensor.
OVP PIN
Route the OVP traces away from any switching nodes to avoid
spuriously tripping the comparator at that pin.
SYNC PIN
It is important to route the trace to the SYNC pin to prevent any
noise from being coupled to the information in the signal. It is
recommended that this trace be kept away from switch nodes
and routed as an internal layer so that the AGND plane acts as a
shield to this trace.
AGND AND DGND
Create an AGND ground plane (preferably in the inner layer)
and make a single-point (star) connection to the power supply
system ground. Connect DGND to AGND with a very short
trace using a star connection. It may be advantageous to have an
entire VDD plane as an additional layer for noise immunity.
1
J26
HDR1X
2
3
4
+5V
SCL
R55
100Ω
D48
1N4148
R56
100Ω
C63
33pF
C60
33pF
1
2
D41
1N4148
1
2
D50
1N4148
1
2
D43
1N4148
1
2
C61
33pF
C62
33pF
SDA
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com