Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 87 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 87 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 84Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 85Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 86Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 88Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 89Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 90Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 87 of 140
Table 133. Register 0xFE06—LLM_DIGFILT_ZERO_SETTING (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
[7:0]
Zero setting
R/W
This register determines the position of the final zero in light load mode. See Figure 85.
Table 134. Register 0xFE07—LLM_DIGFILT_POLE_SETTING (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
[7:0]
Pole setting
R/W
This register determines the position of the final pole in light load mode. See Figure 85.
Table 135. Register 0xFE08—LLM_DIGFILT_HF_GAIN_SETTING (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
[7:0]
HF gain setting
R/W
This register determines the high frequency gain of the loop response in light load mode. It is
programmable over a 20 dB range. Each LSB corresponds to a 0.3 dB increase. See Figure 85.
Table 136. Register 0xFE09—SS_DIGFILT_LF_GAIN_SETTING (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
[7:0]
LF gain setting
R/W
This register determines the low frequency gain of the loop response in soft start mode. It is
programmable over a 20 dB range. Each LSB corresponds to a 0.3 dB increase. See Figure 85.
Table 137. Register 0xFE0A—SS_DIGFILT_ZERO_SETTING (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
[7:0]
Zero setting
R/W
This register determines the position of the final zero in soft start mode. See Figure 85.
Table 138. Register 0xFE0B—SS_DIGFILT_POLE_SETTING (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
[7:0]
Pole setting
R/W
This register determines the position of the final pole in soft start mode. See Figure 85.
Table 139. Register 0xFE0C—SS_DIGFILT_HF_GAIN_SETTING (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
[7:0]
HF gain setting
R/W
This register determines the high frequency gain of the loop response in soft start mode. It is
programmable over a 20 dB range. Each LSB corresponds to a 0.3 dB increase. See Figure 85.
Table 140. Register 0xFE0D, Register 0xFE0F, Register 0xFE11, Register 0xFE13—OUTA_REDGE_SETTING,
OUTB_REDGE_SETTING, OUTC_REDGE_SETTING, OUTD_REDGE_SETTING (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
[15:4]
t1, t3, t5, t7
R/W
This register contains the 12-bit t1, t3, t5, t7 time. Each LSB corresponds to 5 ns resolution.
The minimum and maximum possible duty cycle is 0% and 100%, respectively.
3
Modulate enable
R/W
1 = PWM modulation acts on the t1, t3, t5, t7 edge.
0 = no PWM modulation of the t1, t3, t5, t7 edge.
2
t1, t3, t5, t7 sign
R/W
1 = negative sign. Increase of PWM modulation moves t1, t3, t5, t7 right.
0 = positive sign. Increase of PWM modulation moves t1, t3, t5, t7 left.
[1:0]
Reserved
R
Reserved.
Table 141. Register 0xFE0E, Register 0xFE10, Register 0xFE12, Register 0xFE14—OUTA_FEDGE_SETTING,
OUTB_FEDGE_SETTING, OUTC_FEDGE_SETTING, OUTD_FEDGE_SETTING (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
[15:4]
t2, t4, t6, t8
R/W
This register contains the 12-bit t2, t4, t6, t8 time. Each LSB corresponds to 5 ns resolution.
The minimum and maximum possible duty cycle is 0% and 100%, respectively.
3
Modulate enable
R/W
1 = PWM modulation acts on the t2, t4, t6, t8 edge.
0 = no PWM modulation of the t2, t4, t6, t8 edge.
2
t2, t4, t6, t8 sign
R/W
1 = negative sign. Increase of PWM modulation moves t2, t4, t6, t8 right.
0 = positive sign. Increase of PWM modulation moves t2, t4, t6, t8 left.
[1:0]
Reserved
R
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com