Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 102 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 102 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 98Page - STMicroelectronics VX6854LC Datasheet HTML 99Page - STMicroelectronics VX6854LC Datasheet HTML 100Page - STMicroelectronics VX6854LC Datasheet HTML 101Page - STMicroelectronics VX6854LC Datasheet HTML 102Page - STMicroelectronics VX6854LC Datasheet HTML 103Page - STMicroelectronics VX6854LC Datasheet HTML 104Page - STMicroelectronics VX6854LC Datasheet HTML 105Page - STMicroelectronics VX6854LC Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 114 page
background image
NVM contents
VX6854LC
102/114
DocID027110 Rev 2
0xFDF4
7,52
Sensitivity_Re
d[9:8]
The measured light level
is recorded per Bayer
Color channel for diffuse
D65 illumination, AV off,
ROI = central 10% of
image height and width,
including pedestal.
These values can be
used as input into the
ISP AWB algorithm to
normalise the sensor
response to match that
of the ‘golden’ sensor
used to set-up the AWB
tilts. Not used by
VX6854LC
0xFDF5
7,53
Sensitivity_Red[7:0]
0xFDF6
7,54
Sensitivity_Gr
eenRed[9:8]
0xFDF7
7,55
Sensitivity_GreenRed[7:0]
0xFDF8
7,56
Sensitivity_Gr
eenBlue[9:8]
0xFDF9
7,57
Sensitivity_GreenBlue[7:0]
0xFDFA
7,58
Sensitivity_Bl
ue[9:8]
0xFDFB
7,59
Sensitivity_Blue[7:0]
0xFDFC
7,60
MapVersion[7:0]
0xFDFD
7,61
TestProgramRevMaj[7:0]
0xFDFE
7,62
TestProgramRevMin[7:0]
0xFDFF
7,63
Table 68. NVM map (continued)
Index
Data
transfer
page &
page
value
Bit number
Comments
7654
3210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com