Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 103 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 103 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 99Page - STMicroelectronics VX6854LC Datasheet HTML 100Page - STMicroelectronics VX6854LC Datasheet HTML 101Page - STMicroelectronics VX6854LC Datasheet HTML 102Page - STMicroelectronics VX6854LC Datasheet HTML 103Page - STMicroelectronics VX6854LC Datasheet HTML 104Page - STMicroelectronics VX6854LC Datasheet HTML 105Page - STMicroelectronics VX6854LC Datasheet HTML 106Page - STMicroelectronics VX6854LC Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 114 page
background image
DocID027110 Rev 2
103/114
VX6854LC
Defect categorization
110
13
Defect categorization
13.1
Pixel defects
Illuminated defects are tested with a flat field illumination and a pass-fail criteria that is a
percentage deviation from a local mean. In order that the sensor can be effectively tested in
a reasonable test time, it is necessary to put the limits of gain error above the normal noise
distribution of photon shot noise and sensor noise otherwise false single pixel fails will be
detected. A typical defect criteria for single-pixel gain errors is ± 9%. In fact, any element in
the array outside ±9% is a “minor” fail, and outside of ± 25% is a “major” fail. Note that the
defect detection method is applied to raw bayer images.
13.2
Sensor array area definition
For specific aspects of pixel defect testing the image sensor array is subdivided into two
regions as illustrated in Figure 43.
Figure 43. VX6854LC pixel defect test area
The inner array in Figure 43 is centre justified, in the x and y axis, with respect to the outer
array. The inner array is 50% of the full width and 50% of the full height of the larger outer
array, therefore the inner array is one quarter of the area of the outer array.
Outer array
Inner array
1032 pixels
2064 pixels
1552
pixels
776
pixels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com