Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 105 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 105 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 101Page - STMicroelectronics VX6854LC Datasheet HTML 102Page - STMicroelectronics VX6854LC Datasheet HTML 103Page - STMicroelectronics VX6854LC Datasheet HTML 104Page - STMicroelectronics VX6854LC Datasheet HTML 105Page - STMicroelectronics VX6854LC Datasheet HTML 106Page - STMicroelectronics VX6854LC Datasheet HTML 107Page - STMicroelectronics VX6854LC Datasheet HTML 108Page - STMicroelectronics VX6854LC Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 114 page
background image
DocID027110 Rev 2
105/114
VX6854LC
Defect categorization
110
13.5
Couplet definition
A failing pixel at X with a failing pixel at position [0], [1], [2], [3], [4], [5], [6] or [7] such that
there is a maximum of two failing pixels from the group of nine pixels illustrated in Figure 46.
The example shown in Figure 46 has the centre pixel and the pixel at position [7] failing the
test criteria.
Figure 46. General couplet example
The basic couplet definition is further subdivided into minor and major couplets. With
respect to the example in Figure 46, a minor couplet is defined as a defect pixel pair where
one pixel can be an extreme fail, that is a stuck at black or stuck at white, but the second
pixel in the pair must differ from the local pixel average by less than 25% of that average
value. If the second pixel in the couplet differs by more than 25% of the local pixel average
value then this would be defined as a major couplet.
In addition, couplets will be classified as being in the inner or outer area.
13.6
Physical aberrations
A specific test algorithm is also applied in production to identify and reject samples that
display defocused artefacts often referred to as blemishes or shapes. These artefacts are
caused by scratches or contamination in the optical path away from the focal plane for
example, on the IR glass or lens.
The test requires two regions to be defined:
•
a small area: 9 by 9 pixels with the pixel under test at the centre of this area (shaded
blue in Figure 47)
•
a large region, 31 by 31 pixels (shaded red in Figure 47)
Figure 47. Test region definition
[0]
[1]
[2]
[X]X
[3]
[6]
[5]
[4]
9 pixels
31 pixels
Small
area
Large area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com