Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6854LC Datasheet(PDF) 104 Page - STMicroelectronics

Part # VX6854LC
Description  QXGA EDOF camera module
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6854LC Datasheet(HTML) 104 Page - STMicroelectronics

Back Button VX6854LC Datasheet HTML 100Page - STMicroelectronics VX6854LC Datasheet HTML 101Page - STMicroelectronics VX6854LC Datasheet HTML 102Page - STMicroelectronics VX6854LC Datasheet HTML 103Page - STMicroelectronics VX6854LC Datasheet HTML 104Page - STMicroelectronics VX6854LC Datasheet HTML 105Page - STMicroelectronics VX6854LC Datasheet HTML 106Page - STMicroelectronics VX6854LC Datasheet HTML 107Page - STMicroelectronics VX6854LC Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 114 page
background image
Defect categorization
VX6854LC
104/114
DocID027110 Rev 2
13.3
Pixel fault numbering convention
The pixel notation is described in Figure 44. For the purposes of the test the 3x3 array
describes nine bayer pixels of a common color, that is, all the pixels will either be Red,
Green (the Green pixels are split over 2 common channels, Green1 and Green2) or
Blue. The pixel under test is X. If a pixel under test is on the edge, the array is reduce to its
existing neighbor pixels (that is, the first pixel uses only a 2x2 array).
Figure 44. Pixel numbering notation
13.4
Single pixel faults
STMicroelectronics defines a single pixel fail as a failing pixel with no adjacent failing same
color neighbours. A single pixel fail can be a stuck at white where the output of the pixel is
permanently saturated regardless of the level of incident light and exposure level, a stuck at
black where the pixel output is zero regardless of the level of incident light and exposure
level (major fail) or simply a pixel that differs from it’s immediate neighbours by more than
the test threshold (minor fail).
The example in Figure 45 assumes that pixel X is a fail. For this pixel to be a single pixel fail
the pixels at positions [0],[1],[2],[3],[4],[5],[6] and [7] must be “good” pixels that pass final
test. The implemented test program will pass a sensor with up to the defined limit of single
pixel faults per color channel. Defect correction algorithms will correct the pixel faults in the
final image.
Figure 45. Single pixel fault
[0]
[1]
[2]
[7]
X
[3]
[6]
[5]
[4]
[0]
[1]
[2]
[7]
X
[3]
[6]
[5]
[4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com