Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 15 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 15 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 11Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 12Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 13Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 14Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 15Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 16Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 17Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 18Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 157 page
background image
15
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Absolute Maximum Ratings (continued)
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
DDR CONTROL
Input pins
DDR_VTT_CTRL, DDRID
-0.3
3.6
V
LEVEL SHIFTERS
Level shifter (push/pull) supply input pin
VDDLV
-0.3
3.6
V
Level shifter enable input pins
ENLVA
-0.3
3.6
V
Level shifter output pins
LVA, LVB
-0.3
3.6
V
POWER PATH LOGIC
Power path comparator input voltage
sense pins
VCOMP, BAT1, BAT2, ACIN
-0.3
7
V
Power path comparator open-drain
output pins
BAT1SWONZ, BAT2SWONZ, ACSWONZ
-0.3
28
V
PTC over-temperature comparator open-
drain output pin
TRIPZ
-0.3
3.6
V
Power path domain diode OR input pin
VINPP
-0.3
28
V
POWER BUTTON
PWRBNTIN, PCH_PWRBTNZ, EC_ONOFFZ
-0.3
3.6
V
RESETS
ECVCC, RESETZ, EC_RSTZ
-0.3
3.6
V
CLOCKS
EC wake clock: 1HZ
-0.3
3.6
V
POWER MONITOR
VDCSNS
-0.3
28
V
TEMP_ALERTZ
-0.3
3.6
V
ACOK
-0.3
12
V
REFERENCE
LDO output pins
LDO5V
-0.3
7
V
LDO output pins
VREF1V25, LDO3V
-0.3
3.6
V
3.3-V load switch enable pin
EN3V3SW
-0.3
3.6
V
3.3-V load switch output pin
VOUT3V3SW
-0.3
3.6
V
5-V load switch enable pin
EN5VSW
-0.3
3.6
V
5-V load switch input pin
VIN5VSW
-0.3
6
V
BACKUP BATTERY RTC SELECTOR
VBATTBKUP, V3P3A_RTC
-0.3
3.6
V
MISC
Input control pins
STANDBYZ, SHUTDOWNZ
-0.3
3.6
V
Output interrupt pin
PMIC_INTZ
-0.3
3.6
V
Output DS3 VR enable pin
DS3_VREN
-0.3
3.6
V
Buffers supply input pin
VDDIO
-0.3
3.6
V
VPROGOTP
-0.3
7
V
GENERAL
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com