Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 32 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 32 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 28Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 29Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 30Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 31Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 32Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 33Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 34Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 35Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 157 page
background image
32
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output auto discharge resistance,
Default
Discharge register value: 11
450
550
690
Ω
VR3_Controller feedback input
resistance
Controller enabled
1
2.25
M
Ω
VR3_Bootstrap switch ON
resistance (Rdson)
TA = 25°C
20
Ω
VR3_Controller HSD leakage
VIN = 7.4 V, Controller disabled
1.55
μA
VR3 Controller CONTROL
VR3_Powergood exit threshold
high
Fail when Vout increasing
105.5%
108%
110.5%
VR3_Powergood threshold high
hysteresis
Good when Vout decreases (after a
PGOOD fail event)
-3%
VR3_Powergood exit threshold low Fail when Vout decreasing
89.5%
92%
94.5%
VR3_Powergood threshold low
hysteresis
Good when Vout increases (after a
PGOOD fail event)
3%
VR3_Powergood deglitch time for
both rising and falling edges
FBVR3P voltage must cross powergood
threshold and stay for at least this time to
change powergood output state.
Measured from FBVR3P into or out of
powergood threshold, until PGVR3
toggles, for both rising and falling edges.
27
30
33
μs
VR3_Powergood Mask time during
and after soft-start ramp-up time
Powergood is kept low and power fault is
masked during soft-start until 100 µs after
the internal reference has stepped up to
the final voltage setting.
9
10
11
ms
VR3_Powergood Mask time during
DVS ramp down (enter DVS)
Powergood is kept high and masked
during DVS enter, ramp down, and until
100 µs after the internal reference has
stepped down to the final voltage setting.
ramp-
down +
90
ramp-
down +
100
ramp-
down +
110
μs
VR3_Powergood Mask time during
DVS ramp up (exit DVS)
Powergood is kept high and masked
during DVS exit, ramp up, and until 100
µs after the internal reference has
stepped up to the final voltage setting.
ramp-
up + 90
ramp-
up +
100
ramp-
up +
110
μs
VR3_Powergood Mask time during
Decay
Powergood is kept high and masked
during Decay enter, during decay, exit,
ramp up, and until 100 µs after the
internal reference has stepped up to the
final voltage setting.
decay +
180
decay+
200
decay +
220
μs
VR3_Force PWM time (deglitch
time) during CCM to DCM
transition
PWM is forced for 16 switching cycles
before PFM is enabled turning off the low-
side power MOSFET. Low-side FET
current during each cycle must fall below
the PFM current comparator valley
threshold. Forced PWM allows a fast
transient response and smaller output
voltage ripple during the transition.
16
16
16
cycles
VR3_Force PWM time during DVS
ramp down (enter DVS)
PWM is forced during DVS enter, ramp
down, and until 10 µs after the internal
reference has stepped down to the final
voltage setting. Forced PWM allows a fast
transient response and smaller output
voltage ripple during the transition.
ramp-
down +
9
ramp-
down +
10
ramp-
down +
11
μs
VR3_Force PWM time during DVS
ramp up (exit DVS)
PWM is forced during DVS exit, ramp up,
and until 10 µs after the internal reference
has stepped up to the final voltage
setting. Forced PWM allows a fast
transient response and smaller output
voltage ripple during the transition.
ramp-
up + 9
ramp-
up + 10
ramp-
up + 11
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com