Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 46 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 46 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 42Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 43Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 44Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 45Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 46Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 47Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 48Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 49Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 157 page
background image
Iout (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
D001
Vin=5.40V
Vin=8.10V
Vin=8.70V
Vin=13.50V
Iout (A)
0
1
2
3
4
5
6
7
0
10
20
30
40
50
60
70
80
90
100
D001
Vin=5.40V
Vin=8.10V
Vin=8.70V
Vin=13.50V
Iout (A)
0
1
2
3
4
5
6
7
3.135
3.168
3.201
3.234
3.267
3.300
3.333
3.366
3.399
3.432
3.465
D001
Vin=5.40
Vin=8.10
Vin=8.70
Vin=13.50
Iout (A)
0
1
2
3
4
5
6
7
8
1.140
1.152
1.164
1.176
1.188
1.200
1.212
1.224
1.236
1.248
1.260
1.272
D001
Vin=5.40V
Vin=8.10V
Vin=8.70V
Vin=13.50V
Iout (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
D001
Vin=5.40V
Vin=8.10V
Vin=8.70V
Vin=13.50V
Iout (A)
0
0.5
1
1.5
2
2.5
1.71
1.73
1.75
1.76
1.78
1.80
1.82
1.84
1.85
1.87
1.89
D001
Vin=2.97
Vin=3.30
Vin=3.63
46
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
5.7
Typical Characteristics
Figure 5-2. VR1 Output Voltage Load Regulation, NVDC
Figure 5-3. VR2 Output Voltage Load Regulation, NVDC
Figure 5-4. VR3 Output Voltage Load Regulation, NVDC
Figure 5-5. VR4 Output Voltage Load Regulation, NVDC
Figure 5-6. VR5 Output Voltage Load Regulation, NVDC
Figure 5-7. VR1 Efficiency vs Load, NVDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com