Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 68 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 68 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 64Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 65Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 66Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 67Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 68Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 69Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 70Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 71Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 157 page
background image
68
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.3.13.5 Output Discharge Feature
All the voltage regulators have a built in output discharge feature. The output discharge feature consists of
being able to configure register bits to enable a discharge resistor which is only active whenever the
voltage regulator is disabled. The discharge resistors for each of the voltage regulators can be configured
using the DISCHCNT1, DISCHCNT2, DISCHCNT3 and DISCHCNT4 registers. The discharge resistors
are disconnected when the voltage regulators are enabled in order to minimize any losses within the
PMIC.
6.3.13.6 Output Voltage Control
All voltage regulators are designed to regulate a fixed output voltage. To achieve high accuracy the output
voltage for the converters and controller is sensed using a separate feedback pin. For each of the voltage
rails, except for the VTT LDO, the output voltage can be changed to slightly higher or lower values by
changing the default setting in the voltage regulator control registers (see section on the Voltage
Regulator Voltage Options). This function can be used to save power when supplying the connected load
at its minimum possible supply voltage or to compensate for voltage drops during load transients by
programming it slightly higher. In addition the range of the output voltage for the regulators is highly
programmable. If you need a different output voltage configuration from the specified default, please
contact TI to generate you a custom part.
6.3.13.7 Converter Low Power Mode Operation
For optimizing low power operation, the output voltage of the converters can be set to a specific value.
The low power output voltage is set by the specific register and bits shown in the Voltage Regulator
Voltage Options tables. Entering the low power mode is accomplished by asserting the SLP_S0# signal to
a logic low. In this low power mode, the powergood function remains active and is not affected by the
transition from normal operation mode to the low power mode and vice versa.
6.3.13.8 Controller Low Power Mode Operation
For optimizing low power operation, the output voltage of the controllers can be set to a specific value.
The low power output voltage is set by the specific register and bits shown in the Voltage Regulator
Voltage Options tables. Entering the low power mode is accomplished by asserting the DDR_VTT_CTRL
pin or the STANDBYZ pin to a logic low. In this low power mode, the powergood function remains active
and is not affected by the transition from normal operation mode to the low power mode and vice versa.
DDR_VTT_CTRL pin asserts DVS on VR4, while STANDBYZ pin asserts DVS in VR1, VR2, VR3, and
VR5, as defined by ther CNT registers. In situations where the output current demand from the controller
is very small, the controller is automatically placed in an Ultra Low Quiescent (ULQ) mode to reduce
power consumption and increase the efficiency.
6.3.13.9 Controller Internal Ramp Comparator
The controllers have an internal ramp, characteristic of th DCAP2 control architecture, to give improved
performance with low-ESR output capacitors. This internal ramp provides ramp compensation that helps
maintain a relatively constant frequency during CCM, and it provides better stability for designs with very
low ESR on the output capacitors. The ramp height can be optimized and is a function of the input voltage
to provide proportional feed-forward. At very high voltages, the ramp may exceed the operating window of
the PWM comparator and may overpower the natural ripple of the output, so there is a need to switch to a
smaller ramp. As the ramp was already getting large, it helps to switch back to a smaller size. To achieve
this, a comparator monitors the input voltage at the VIN pin. When input voltage rises and exceeds 11 V, it
changes the ramp to a slightly smaller value. There is a wide 1.1-V hysteresis, so at approximately 9.9 V
as the Vin falls, the ramp returns to the slightly bigger size. In most cases this difference is negligible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com