Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 24 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 24 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 20Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 21Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 22Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 23Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 24Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 25Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 26Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 27Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 157 page
background image
24
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Switching frequency (7.4 V)
PWM Mode (NVDC# = 3.3 V =
programmed to low switching frequency)
379
500
550
kHz
PWM Mode (NVDC# = GND =
programmed to high switching frequency)
715
800
865
kHz
Soft-Start total turn-on time (start-
up time + output ramp-up time)
Time to start switching from enable to
95% of VO(Min), Continuous slope (no
slope reversal)
770
876
1000
μs
Soft-Start delay time
Delay time from enable to first switching
pulse.
120
136
150
μs
Soft-Start ramp-up time
From first switching pulse to 95% of
VO(Min), Continuous slope (no slope
reversal).
650
740
850
μs
DVS total fall time (delay time +
output ramp-down time)
Time to start switching from enable to 5%
of VO(Min), Continuous slope (no slope
reversal).
56
61.25
68.5
μs
DVS delay time for falling edge
DVS delay time from when STANDBYZ
(SLP_S0#) changes from High to Low,
until the output voltage begins to fall.
1
1.25
1.5
μs
DVS ramp time for falling edge
From first switching pulse to 5% of
VO(Min), Continuous slope (no slope
reversal). Total ramp time = ((Vout_high -
Vout_low) / slew_rate). For Vout change
= 300 mV
55
60
67
μs
DVS slew rate for falling edge
DVS falling edge slew rate for VVOUT to
change from the upper target to the lower
target after STANDBYZ (SLP_S0#)
changes from High to Low. Total ramp
time = ((Vout_high - Vout_low) /
slew_rate)
4.5
5
5.5
mV / μs
DVS total rise time (delay time +
output ramp-rise time)
Time to start switching from enable to
95% of VO(Min), Continuous slope (no
slope reversal).
56
61.25
68.5
μs
DVS delay time for rising edge
DVS delay time from when STANDBYZ
(SLP_S0#) changes from Low to High,
until the output voltage begins to rise.
1
1.25
1.5
μs
DVS ramp time for rising edge
From first switching pulse to 95% of
VO(Min), Continuous slope (no slope
reversal). Total ramp time = ((Vout_high -
Vout_low) / slew_rate). For Vout change
= 300 mV
55
60
67
μs
DVS slew rate for rising edge
DVS rising edge slew rate for VVOUT to
change from the lower target to the upper
target after STANDBYZ (SLP_S0#)
changes from Low to High. Total ramp
time = ((Vout_high - Vout_low) /
slew_rate)
4.5
5
5.5
mV / μs
Decay exit Total turn-on time
(delay time + output ramp-up time)
Time to start switching from enable to
95% of VO(Min), Continuous slope (no
slope reversal).
69
79
99
μs
Decay exit delay time for rising
edge
Decay delay time from when STANDBYZ
(SLP_S0#) changes from Low to High,
until the output voltage begins to rise.
10
12
16
μs
Decay exit ramp time for rising
edge
From first switching pulse to 95% of
VO(Min), Continuous slope (no slope
reversal). Total ramp time = ((Vout_high -
0 V) / slew_rate). For Vout target = 1.00
V.
59
67
83
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com