Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 27 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 27 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 23Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 24Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 25Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 26Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 27Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 28Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 29Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 30Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 157 page
background image
27
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low side switch on resistance
VVINVR2 = 3.3 V, 0% duty cycle
30
95
mΩ
Maximum line regulation with
respect to nominal Vout
ULQ/Auto Mode, VVINVR2 = 2.97 V to 3.63
V, IOUT = Imax, ALL VOUTS, Measured at
the regulation point output capacitor with
Kelvin connections made directly from the
regulation point to the differential
feedback pins (FBVR2P - FBVR2N).
-0.5%
0.5%
Maximum load regulation - PWM
Mode with respect to nominal Vout
ULQ/Auto Mode, VVINVR2 = 2.97 V to 3.63
V, IOUT = 0 A to Imax, ALL VOUTS,
Measured at the regulation point output
capacitor with Kelvin connections made
directly from the regulation point to the
differential feedback pins (FBVR2P -
FBVR2N).
-0.5%
0.5%
Maximum load regulation - AUTO
Mode with respect to nominal Vout
ULQ/Auto Mode, VVINVR2 = 2.97 V to 3.63
V, IOUT = 0 A to Imax, ALL VOUTS,
Measured at the regulation point output
capacitor with Kelvin connections made
directly from the regulation point to the
differential feedback pins (FBVR2P -
FBVR2N).
-0.65%
1.0%
Maximum total output voltage load
transient variation
DC and AC, ULQ/Auto Mode, VVINVR2 =
2.97 V to 3.63 V, IOUT = 0 A to 70% max
load, 70% max load to 0 mA, di/dt = 2.5
A/µs, Measured at the regulation point
output capacitor with Kelvin connections
made directly from the regulation point to
the differential feedback pins (FBVR2P -
FBVR2N).
-5%
5%
DC and AC, ULQ/Auto Mode, VVINVR2 =
2.97 V to 3.63 V, IOUT = 30% max load to
max load, max load to 30% max load,
di/dt = 2.5 A/µs, Measured at the
regulation point output capacitor with
Kelvin connections made directly from the
regulation point to the differential
feedback pins (FBVR2P - FBVR2N).
-5%
5%
Switching frequency
PWM Mode, IOUT = 67% of max output
current
1700
2000
2300
kHz
Soft-Start total turn-on time (start-
up time + output ramp-up time)
Time to start switching from enable to
95% of VO(Min), Continuous slope (no
slope reversal).
730
800
1050
μs
Soft-Start delay time
Delay time from enable to first switching
pulse.
120
135
150
μs
Soft-Start ramp-up time
From first switching pulse to 95% of
VO(Min), Continuous slope (no slope
reversal).
610
665
900
μs
DVS total fall time (delay time +
output ramp-down time)
Time to start switching from enable to 5%
of VO(Min), Continuous slope (no slope
reversal).
56
61.25
68.5
μs
DVS delay time for falling edge
DVS delay time from when STANDBYZ
(SLP_S0#) changes from High to Low,
until the output voltage begins to fall.
1
1.25
1.5
μs
DVS ramp time for falling edge
From first switching pulse to 5% of
VO(Min), Continuous slope (no slope
reversal). Total ramp time = ((Vout_high -
Vout_low) / slew_rate). For Vout change
= 300 mV
55
60
67
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com