Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 41 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 41 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 37Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 38Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 39Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 40Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 41Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 42Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 43Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 44Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 157 page
background image
41
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DVS ramp time for rising edge
From first switching pulse to 95% of
VO(Min), Continuous slope (no slope
reversal). Total ramp time = ((Vout_high -
Vout_low) / slew_rate). For Vout change
= 300 mV.
55
60
67
μs
DVS slew rate for rising edge
DVS rising edge slew rate for VVOUT to
change from the lower target to the upper
target after STANDBYZ (SLP_S0#)
changes from Low to High . Total ramp
time = ((Vout_high - Vout_low) /
slew_rate).
4.5
5
5.5
mV / μs
VR5 Controller MOSFET Drivers
DRVH resistance
Source, IDRVH = -50 mA
3.0
4.5
Ω
DRVH resistance
Sink, IDRVH = 50 mA
2.0
3.5
Ω
DRVL resistance
Source, IDRVL = -50 mA
3.0
4.5
Ω
DRVL resistance
Sink, IDRVL = 50 mA
0.8
2.0
Ω
Dead time
DRVH - off to DRVL - on
10
ns
Dead time
DRVL - off to DRVH - on
20
ns
High-side driver minimum on-time
DRVH - on
65
80
105
ns
High-side driver minimum off-time
DRVH - off
235
260
285
ns
VR5 Controller OUTPUT DISCHARGE
Output auto discharge resistance
Discharge register value: 00, Default
1000
kΩ
Output auto discharge resistance
Discharge register value: 01
90
150
190
Ω
Output auto discharge resistance
Discharge register value: 10
170
250
315
Ω
Output auto discharge resistance
Discharge register value: 11
450
575
690
Ω
VR5_Controller Feedback input
resistance
Controller enabled
2.5
4.25
MΩ
VR5_Bootstrap switch ON
resistance (Rdson)
TA = 25°C
20
Ω
VR5_Controller HSD leakage
VIN = 7.4 V, Controller disabled
1.55
μA
VR5 Controller CONTROL
VR5_Powergood exit threshold
high
Fail when Vout increasing
105.5%
108%
110.5%
VR5_Powergood threshold high
hysteresis
Good when Vout decreases (after a
PGOOD fail event)
-3%
VR5_Powergood exit threshold low Fail when Vout decreasing
89.5%
92%
94.5%
VR5_Powergood threshold low
hysteresis
Good when Vout increases (after a
PGOOD fail event)
3%
VR5_Powergood deglitch time for
both rising and falling edges
FBVR5P voltage must cross powergood
threshold and stay for at least this time to
change powergood output state.
Measured from FBVR5P into or out of
powergood threshold, until PGVR5
toggles, for both rising and falling edges.
27
30
33
μs
VR5_Powergood Mask time during
and after soft-start ramp-up time
Powergood is kept low and power fault is
masked during soft-start until 100 µs after
the internal reference has stepped up to
the final voltage setting.
9
10
11
ms
VR5_Powergood Mask time during
DVS ramp down (enter DVS)
Powergood is kept high and masked
during DVS enter, ramp down, and until
100 µs after the internal reference has
stepped down to the final voltage setting.
ramp-
down +
90
ramp-
down +
100
ramp-
down +
110
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com