Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 54 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 54 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 50Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 51Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 52Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 53Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 54Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 55Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 56Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 57Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 157 page
background image
ENABLE
30us
deglitch
VSENSE
+
-
0.90*VREF
+
-
+
-
1.10*VREF
+
-
ENA
ENA
PWRGD
N
VREF
0.90*VREF
1.10*VREF
1.08*VREF
1.05*VREF
0.92*VREF
0.95*VREF
time
PWRGD
Good
Good
30us
30us
30us
30us
Copyright © 2016, Texas Instruments Incorporated
54
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.3.3
Powergood Window Comparator
All the powergood comparators (converter, controller, comparators) can be configured for either Open-
Drain outputs or Push-Pull outputs.
All the powergood comparators (converter, controller, comparators) in analog configuration monitors the
output voltage to ensure it is within ±10% of the nominal target voltage. A 30-µs deglitch exists on the
output of all the powergood comparators (converter, controller, comparators). The open-drain output
requires an external pull-up resistor - typically in the 100-kΩ range. Open-Drain outputs can be combined
to create an "AND" logic function. The push-pull output internally pulls up to VDDIO pin rail, or other noted
input rail. Care should be taken to minimize series impedance on the PCB and providing adequate bulk
and decoupling capacitance for the load switch rails. The Intel Skylake and Kabylake specification is ±5%
at each rail, including those provided by load switches, therefore the load switch rails are still protected for
±10% powergood, as required by Intel Skylake and Kabylake specification.
Figure 6-2. Powergood Window Comparator with Open-Drain Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com