Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 45 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 45 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 41Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 42Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 43Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 44Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 45Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 46Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 47Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 48Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 157 page
background image
VOLUME Application Block Diagram:
VR1 = V1.00A (V11), & V085A (V12), VR2 = V1.8A (V8), VR3 = V33ADSW (V6),
VR4 = V1.2U (V10), VR5 = V5ADS3 (V5)
COMPA = V3.3A_PCH (V7), COMPB = V1.8U_2.5U (V9), COMPC = Generic Comparator,
COMPD = VCCIO (V4), COMPE = V3.3S, COMPF = V1.8S, COMPG = V1.00S
TPS650830 ± VOLUME
G3
ÆS5/S4
G3
S5/S4
S5/S4
Æ S0
VOL#1
xxxx
xxxx
PG
PG
Assumes V1.8A enabled by DPWROK.
Could also be enabled by SLP _SUS# later.
xxx
xxx
xxx
xxx
xxx
xxx
xxx
xxx
xxx
xxx
xxx
PG
V5A_DS3_PG to V 1.00A_PG
<20mSec
>10ms delay from PG
V3.3A_DSW to DPWROK
V33ADSW (V6)
[FBVR3P]
DPWROK
[DPWROK]
V3.3A_DSW_PG (V6)
[PGVR3]
SLP_SUS#
[ENE]
V1.8A (V8)
[FBVR2P]
V1.8A_PG
[PGVR2]
V3.3A_DSW_EN (V6)
[ENVR3] (Tie to LDO 3)
V1.8A_EN (V8)
[ENVR2]
V5ADS3 (V5)
[FBVR5P]
V5ADS3_PG
[PGVR5]
DS3_VREN
[DS3_VREN]
V5ADS3_EN
[ENVR5]
DS3VREN is gated by
V5ADS3_EN ~ 1us delay
V5ADS3_EN is copy of SLP _SUS#
PG
>10mSec
PG
SLP_S4# to V1.2U ramp
>2.5ms
[4ms]
PG
PG
PG
PG
PG
Prog
Prog
PG
2ms (from the last PG )
1.00V
SLP_S4# to V1.8U_2.5U ramp =
0.5ms ” tdelay +tramp-up ” 2ms
[Load Sw turn-on time]
1.00V
No direct SLP_S3# connection
SLP_S3# & V1.2U_PG & V1.00S_PG
[V1.2U_PG & V1.00S_PG open-drain
outputs drive same ENVR3 pin, with single
pull-up resistor]
SLP_S4#
[ENB]
RSMRST#_PWRGD
[RSMRST#_PWRGD]
V1.8U_2.5U (V9)
[VSB]
V1.2U (V10)
[FBVR4P]
SLP_S3#
[ENF] for powergood tree only
V1.8U_2.5U_PG
[PMIC internal ]
V1.2U_PG
[PGVR4]
V1.8U_2.5U_EN
[PGB]
V1.2U_EN
[ENVR4]
V1.00S
[VSG]
V3.3S
[VSE]
V100S_EN
[ENG] ± to Load Switch
V1.8S
[VSF]
V1.00S_PG
[PGG]
V3.3S_EN
[ENG] ± to Load Switch
V3.3S_PG
[PMIC internal ]
V1.8S_EN
[ENG] ± to Load Switch
V1.8S_PG
[PGF]
ALL_SYS_PWRGD
[ALL_SYS_PWRGD]
VCCST_PWRGD
[VCCST_PWRGD]
PCH_PWROK
[PCH_PWROK]
SYS_PWROK
[SYS_PWROK]
VCCIO (V4)
[VSD]
VCCIO_EN
[PGD] ± to Load Switch
VCCIO_PG
[PMIC internal ]
RSMRST#
[RSMRST#]
V3.3APCH (7)
[VSA]
V33APCH_EN_qualified
[PGE] ± to Load Switch
V3.3APCH_PG
[PGA]
V085A (V12) / V100A (V11)
[FBVR1P]
V085A_EN / V100A_EN
[ENVR1]
V085A_PG / V100A_PG
[PGVR1]
V33APCH_EN_control
[ENA]
xxxx
xxxx
VREF1V25
UVLO3#
[UVLO2#_LDO3EN]
LDO3
VDC
(BAT/ADP
Insertion )
LDO3_PG
I2C Ready
PMIC I2C
UVLO5#
[UVLO1#_LDO5EN]
(Power On Dig Reset )
LDO5_PGD
LDO5
OTP_LOAD
1ms from UVLO5/Dig Reset to OTP Loaded
3.1V LDO
Vcoin_cell_battery
V3P3A_RTC
[V3P3A_RTC]
3.2V
2.0V
ext
ext
ext
ext
internal
external
int
ext
ext
ext
ext
ext
ext
int
95ms
DPWROK to SLP_SUS# takes 95ms from PCH
16ms
45
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Figure 5-1. TPS650830 Volume Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com