Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 39 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 39 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 35Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 36Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 37Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 38Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 39Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 40Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 41Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 42Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 157 page
background image
39
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage
Parametric and functional
5.4
7.4
21
V
Input voltage
Functional
5.4
7.4
24
V
Output voltage
Power save mode disabled (STANDBYZ
(SLP_S0#) = H, or STANDBYZ
(SLP_S0#) = L, V5ADS3CNT[7:6] =
2'b00, V5ADS3CNT[5:4] = 2'b00)
5.15
V
Output voltage
Power save mode disabled (STANDBYZ
(SLP_S0#) = H, or STANDBYZ
(SLP_S0#) = L, V5ADS3CNT[7:6] =
2'b00, V5ADS3CNT[5:4] = 2'b01)
5.1
V
Output voltage- Default
Power save mode disabled (STANDBYZ
(SLP_S0#) = H, or STANDBYZ
(SLP_S0#) = L, V5ADS3CNT[7:6] =
2'b00, V5ADS3CNT[5:4] = 2'b10)
(DEFAULT)
5.0
V
Output voltage
Power save mode disabled (STANDBYZ
(SLP_S0#) = H, or STANDBYZ
(SLP_S0#) = L, V5ADS3CNT[7:6] =
2'b00, V5ADS3CNT[5:4] = 2'b11)
4.9
V
Output voltage
Power save mode enabled, STANDBYZ
(SLP_S0#) = L , V5ADS3CNT[7:4] =
4'b01XX
4.8
V
Output voltage
Power save mode enabled, STANDBYZ
(SLP_S0#) = L , V5ADS3CNT[7:4] =
4'b10XX
4.85
V
Output voltage
Power save mode enabled, STANDBYZ
(SLP_S0#) = L , V5ADS3CNT[7:4] =
4'b11XX
4.9
V
Current limit (Vsw - PGND)
VTRIP = 0.2 V
-30
-25
-20
mV
VTRIP = 0.8 V
-105
-100
-95
mV
VTRIP = 2 V
-260
-250
-240
mV
Negative current limit (Vsw -
PGND)
VTRIP = 0.2 V
20
25
30
mV
VTRIP = 0.8 V
95
100
105
mV
VTRIP = 2 V
240
250
260
mV
High-side ILIM - current limit pin
source current
TA = 25℃
44
50
56
µA
High-side TCILIM - current limit
temperature coefficient
With respect to 25
℃
3300
ppm/
℃
High-side VILIM - current limit pin
setting voltage range
VILIM = RTRIP*ILIM (usable voltage range
across the operating temperature range)
0.2
2
V
ILIM - current limit pin source
current
TA = 25℃
45
50
55
µA
Low-side TCILIM - current limit
temperature coefficient
With respect to 25
℃
4780
ppm/
℃
VILIM - current limit pin setting
voltage range
VILIM = RTRIP*ILIM (usable voltage range
across the operating temperature range)
0.2
2
V
Maximum range low side zero
crossing threshold
-10
10
mV
Maximum line regulation with
respect to nominal Vout
ULQ/Auto Mode, VVIN = 5.4 V to 21 V,
IOUT = IMAX, Measured at the regulation
point output capacitor with Kelvin
connections made directly from the
regulation point to the differential
feedback pins (FBVR5P - FBVR5N).
-0.5%
1.05%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com