Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 77 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 77 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 73Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 74Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 75Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 76Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 77Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 78Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 79Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 80Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 157 page
background image
77
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.6.1
Registers
6.6.1.1
VENDORID Register (address = 0x00) [reset = 00100010]
Figure 6-23. VENDORID Register Format
B7
B6
B5
B4
B3
B2
B1
B0
VENDORID[7]
VENDORID[6]
VENDORID[5]
VENDORID[4]
VENDORID[3]
VENDORID[2]
VENDORID[1]
VENDORID[0]
0
0
1
0
0
0
1
0
RW
RW
RW
RW
RW
RW
RW
RW
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-4. VENDORID Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
VENDORID[7:0]
RW
00100010
Vendor ID
6.6.1.2
REVID Register (address = 0x01) [reset = 00000000]
Figure 6-24. REVID Register Format
B7
B6
B5
B4
B3
B2
B1
B0
DNUM[3]
DNUM[2]
DNUM[1]
DNUM[0]
OTPREV[3]
OTPREV[2]
REVID[1]
REVID[0]
0
0
0
1
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-5. REVID Register Field Descriptions
Bit
Field
Type
Reset
Description
7:4
DNUM[3:0]
RW
0000
Major revision ID
1010: A
1011: B
1100: C
1101: D
1110: E
1111: F
3:2
OTPREV[1:0]
RW
00
Minor revision ID
0000: 0
0001: 1
0010: 2
0011: 3
0100: 4
0101: 5
0110: 6
0111: 7
1:0
REVID[1:0]
RW
00
Minor revision ID
0000: 0
0001: 1
0010: 2
0011: 3
0100: 4
0101: 5
0110: 6
0111: 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com