Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 31 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 31 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 27Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 28Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 29Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 30Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 31Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 32Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 33Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 34Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 157 page
background image
31
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DVS ramp time for falling edge
From first switching pulse to 5% of
VO(Min), Continuous slope (no slope
reversal). Total ramp time = ((Vout_high -
Vout_low) / slew_rate). For Vout change
= 300 mV
55
60
67
μs
DVS slew rate for falling edge
DVS falling edge slew rate for VVOUT to
change from the upper target to the lower
target after STANDBYZ (SLP_S0#)
changes from High to Low. Total ramp
time = ((Vout_high - Vout_low) /
slew_rate)
4.5
5
5.5
mV / μs
DVS total rise time (delay time +
output ramp-rise time)
Time to start switching from enable to
95% of VO(Min), Continuous slope (no
slope reversal).
56
61.25
68.5
μs
DVS delay time for rising edge
DVS delay time from when STANDBYZ
(SLP_S0#) changes from Low to High,
until the output voltage begins to rise.
1
1.25
1.5
μs
DVS ramp time for rising edge
From first switching pulse to 95% of
VO(Min), Continuous slope (no slope
reversal). Total ramp time = ((Vout_high -
Vout_low) / slew_rate). For Vout change
= 300 mV
55
60
67
μs
DVS slew rate for rising edge
DVS rising edge slew rate for VVOUT to
change from the lower target to the upper
target after STANDBYZ (SLP_S0#)
changes from Low to High. Total ramp
time = ((Vout_high - Vout_low) /
slew_rate).
4.5
5
5.5
mV / μs
Decay exit Total turn-on time
(delay time + output ramp-up time)
Time to start switching from enable to
95% of VO(Min), Continuous slope (no
slope reversal).
66
75
95
μs
Decay exit delay time for rising
edge
Decay delay time from when STANDBYZ
(SLP_S0#) changes from Low to High,
until the output voltage begins to rise.
10
12
16
μs
Decay exit ramp time for rising
edge
From first switching pulse to 95% of
VO(Min), Continuous slope (no slope
reversal). Total ramp time = ((Vout_high -
0V) / slew_rate). For Vout target = 0.95.
56
63
79
μs
Decay exit slew rate for rising
edge
Decay rising edge slew rate for VVOUT to
change from the lower target to the upper
target after STANDBYZ (SLP_S0#)
changes from Low to High. Total ramp
time = ((Vout_high - 0 V) / slew_rate).
12
15
17
mV / μs
VR3 Controller MOSFET Drivers
DRVH resistance
Source, IDRVH = -50 mA
3.0
4.5
Ω
DRVH resistance
Sink, IDRVH = 50 mA
2.0
3.5
Ω
DRVL resistance
Source, IDRVL = -50 mA
3.0
4.5
Ω
DRVL resistance
Sink, IDRVL = 50 mA
0.8
2.0
Ω
Dead time
DRVH - off to DRVL - on
10
ns
Dead time
DRVL - off to DRVH - on
20
ns
High-side driver minimum on-time
DRVH - on
65
80
105
ns
High-side driver minimum off-time
DRVH - off
235
260
285
ns
VR3 Controller OUTPUT DISCHARGE
Output auto discharge resistance
Discharge register value: 00, Default
1000
kΩ
Output auto discharge resistance
Discharge register value: 01
90
125
160
Ω
Output auto discharge resistance
Discharge register value: 10
170
225
315
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com