Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 69 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 69 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 65Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 66Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 67Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 68Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 69Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 70Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 71Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 72Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 157 page
background image
69
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.3.13.10 Undervoltage Lockout
An undervoltage lockout function prevents the PMIC from operating if the supply voltage on the VIN pin of
the PMIC is lower than the undervoltage lockout threshold (see Electrical Characteristics table). During
operation, if the supply voltage on the VIN pin drops below the undervoltage lockout threshold, the
system/PMIC will shutdown.
6.3.14 Coincell Selector
6.3.14.1 Functional Description of RTC Powerpath and LDO
In case where the main system battery is removed and there is no alternate power source, the RTC data,
configuration and status registers, oscillator and timekeeping path of the RTC block are backed up by
either a super capacitor or a coin cell battery. If the coincell/ super capacitor battery voltage falls below the
minimum operational voltage and there is no input voltage (AC/ DC above the PMIC UVLO), the RTC data
registers will be invalid. As the Intel RTC cannot handle a max voltage higher than 3.2 V, when AC/DC is
present and is higher than the UVLO threshold, the RTC is supplied by the AC/DC rather than from the
coincell - thus maximizing the stored charge in the coincell battery. When AC/DC is present, the internal
coincell selector selects the higher of the coincell voltage and the AC/DC voltage. When AC/DC is chosen
as a source, there is a coincell LDO which is driven from the 5-V PMIC LDO to regulate The output
voltage is fixed at 3.1 V to ensure the maximum voltage is kept below 3.2 V.
The main power source for the RTC LDO is the 5-V PMIC internal LDO, when the main system battery
(VDC) is greater than 5.4 V. The RTC LDO will be bypassed and the RTC supply will be powered by the
coincell when VDC falls below this threshold - to maximize the coincell battery life. The coincell is used as
a last resort. All power routing of the source selection for the RTC power is done internally and no external
connections other than the coin cell or super cap is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com