Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 67 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 67 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 63Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 64Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 65Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 66Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 67Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 68Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 69Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 70Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 157 page
background image
67
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.3.13.3 Powergood, Power Fault, and Emergency Power Shutdown
During operation, when the voltage regulators are enabled, the output voltage for each rail is monitored in
order to assess if the output voltage is within a specified voltage range. A powergood status bit is
generated and stored in the PGOOD_STAT1 and PGOOD_STAT2 registers. If the output voltage is within
the specified voltage range, the respective powergood status bit is set to a logic high. If the output voltage
falls below or goes above the specified voltage range, the powergood status bit will be set to a logic low.
By default, if any of the output voltage rails experience a power fault condition, the PMIC will automatically
shutdown in order to protect the system unless the power fault is masked. If a power fault occurs, the
source of the power fault is maintained in the PWRSTAT1 and PWRSTAT2 registers which are
maintained in the RTC domain. The voltage thresholds for each of the powergood comparators is a
percentage relative to the nominal voltage setting of the output voltage - see the parametric table for each
voltage regulator powergood for the USL and LSL limits of the powergood comparators.
If a particular voltage rail is not critical to the performance of the overall system, the respective powergood
output can be masked using the PGMASK1 and PGMASK2 registers. The masking of a power fault will
inhibit an automatic PMIC shutdown. This can be also very helpful for debug purposes in case of system
failure to isolate the voltage regulator with the sensitive output voltage.
In order to avoid an erroneous power fault during the turn-on of the voltage regulators, the power fault is
masked for 10 ms relative to the enable whether it be from the discrete signal or from an I2C command.
powergood is also masked when coming out of sleep (S3 state) for 100 µs after the ALL_SYS_PWRGD
pin goes high to ensure that there is no false triggering of the powergood comparators.
The PMIC will only cause a Emergency Power Shutdown of the rails for the conditions shown in the table
below. The PMIC monitors each rail and ensures there is no problem. All rails are monitored for fault
protection, except for V3.3A_DSW and V5A external voltage regulators. The V3.3A_DSW and V5A have
no effect on Power Fault and cannot cause a shutdown, unless either one affects another rail. Notice also,
that the current limit (OCP) does not directly cause a shutdown. Instead, OCP could cause a shutdown
indirectly by means of a Power Fault. The OCP will limit the maximum possible output current, such that if
the load current exceeds the Ilim, then the voltage will drop, until eventually the lower output voltage
causes a Power Fault if it is below the powergood threshold for more than 30 µs. Emergency Power
Shutdown causes all rails to power-down within 1 us. The LDO3, LDO5, and VREF1.25V will stay up if the
input voltage is greater than the UVLO3 and UVLO5.
Table 6-2. All Possible Emergency Power Shutdown Conditions
SHUTDOWN CONDITION
VIN pin
≤ UVLO5V
VINLDO3 pin
≤ UVLO3V
Powergood Fault (OVP, UVP): Vout
≤ 90% or Vout ≥ 110% for ≥ 30 µs
Tj
≥ Tcritical (OTP)
SHUTDOWNZ pin pulled-low
I2C Control Force Shutdown by SDWNCTRL register (address = 0x49)
6.3.13.4 Current Limit
All voltage regulators are current limited, the current limit can be set based on the application load current
using an external resistor for all VRs except for VR2 which has an internally set current limit as it has an
integrated power stage. The current limit controls the maximum output current. If the maximum current is
reached, the output voltage will start to droop since the load can no longer be supplied with sufficient
power. If the voltage drops below the powergood threshold, the power fault status will be set to a logic
high and if the power fault is not masked, the PMIC will automatically shutdown in a controlled manner to
protect the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com