Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 3 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 3 Page - Texas Instruments

  PIFE32251B-R68MS Datasheet HTML 1Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 2Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 3Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 4Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 5Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 6Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 7Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 8Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 157 page
background image
3
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Revision History
Copyright © 2014–2016, Texas Instruments Incorporated
Table of Contents
1
Device Overview
......................................... 1
1.1
Features
.............................................. 1
1.2
Applications
........................................... 1
1.3
Description
............................................ 1
1.4
Simplified System Diagram
........................... 2
2
Revision History
......................................... 3
3
Device Options
........................................... 6
4
Pin Configuration and Functions
..................... 7
4.1
Pin Functions
......................................... 9
5
Specifications
........................................... 14
5.1
Absolute Maximum Ratings
......................... 14
5.2
ESD Ratings
........................................ 16
5.3
Recommended Operating Conditions
............... 16
5.4
Thermal Information
................................. 18
5.5
Electrical Characteristics
............................ 18
5.6
Timing Requirements
............................... 43
5.7
Typical Characteristics
.............................. 46
6
Detailed Description
................................... 50
6.1
Overview
............................................ 50
6.2
Functional Block Diagram
........................... 51
6.3
Feature Description
................................. 52
6.4
Device Functional Modes
........................... 70
6.5
Programming
....................................... 72
6.6
Register Map
........................................ 75
7
Application and Implementation
................... 127
7.1
Application Information
............................ 127
7.2
Typical Application
................................. 127
7.3
System Example
.................................. 142
7.4
Do's and Don'ts
................................... 142
8
Power Supply Recommendations
................. 143
9
Layout
................................................... 144
9.1
Layout Guidelines
.................................. 144
9.2
Layout Example
.................................... 146
9.3
Thermal Considerations
........................... 148
10
Device and Documentation Support
.............. 149
10.1
Device Support
..................................... 149
10.2
Documentation Support
............................ 149
10.3
Receiving Notification of Documentation Updates
. 149
10.4
Community Resources
............................. 149
10.5
Trademarks
........................................ 149
10.6
Electrostatic Discharge Caution
................... 149
10.7
Glossary
............................................ 149
11
Mechanical, Packaging, and Orderable
Information
............................................. 150
11.1
Packaging Information
............................. 150
2
Revision History
Changes from Original (December 2014) to Revision A
Page
•
Changed from data sheet format to data manual format
........................................................................ 1
•
Changed Applications
............................................................................................................... 1
•
Changed Skylake to Skylake and Kabylake throughout data manual
......................................................... 2
•
Added Device Options section
...................................................................................................... 6
•
Changed pinout diagrams
........................................................................................................... 7
•
Added TYPE column to pin functions tables
...................................................................................... 9
•
Added Switch pins - controllers (transient <10 ns) to Absolute Maximum Ratings
........................................ 14
•
Added Switch pins - converter (transient <10 ns) to Absolute Maximum Ratings
.......................................... 14
•
Changed Output alert pin to Output interrupt pin in Absolute Maximum Ratings
........................................... 15
•
Changed Output alert pin to Output interrupt pin in Recommended Operating Conditions
............................... 17
•
Separated the VDD domains
..................................................................................................... 19
•
Changed Critical supply voltage (VDCSNS) falling threshold
................................................................. 22
•
Added Critical supply voltage (VDCSNS) input current
........................................................................ 22
•
Added Internal Ramp Comparator
................................................................................................ 22
•
Added Emergency Reset Shutdown
.............................................................................................. 22
•
Deleted Low-side output valley current limit
..................................................................................... 23
•
Added Current limit (Vsw - PGND) voltage specifications
..................................................................... 23
•
Added Negative current limit (Vsw - PGND) voltage specifications
.......................................................... 23
•
Added VR1 Soft-Start specifications
............................................................................................. 24
•
Added VR1 DVS specifications
................................................................................................... 24
•
Added VR1 Decay exit specifications
............................................................................................ 24
•
Added VR1_Powergood deglitch time
........................................................................................... 25
•
Added VR1_Powergood Mask specifications
................................................................................... 25
•
Added VR1_Force PWM specifications
......................................................................................... 26
•
Changed VR2 Low side valley cycle by cycle positive current limit min value from 2000 mA to 2260 mA
............. 26
•
Changed VR2 Low side valley cycle by cycle positive current limit max value from 2450 mA to 3360 mA
............ 26
•
Added VR2 Soft-Start specifications
............................................................................................. 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com