Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 91 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 91 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 87Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 88Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 89Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 90Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 91Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 92Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 93Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 94Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 157 page
background image
91
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.6.1.20 V5ADS3CNT Register (address = 0x31) [reset = 00101010]
Figure 6-42. V5ADS3CNT Register Format
B7
B6
B5
B4
B3
B2
B1
B0
V5ADS3LVSEL
[1]
V5ADS3LVSEL
[0]
V5ADS3VSEL[
1]
V5ADS3VSEL[
0]
AOACCNTV5A
DS3[1]
AOACCNTV5A
DS3[0]
CTLV5ADS3[1]
CTLV5ADS3[0]
0
0
1
0
1
0
1
0
RW
RW
RW
RW
RW
RW
RW
RW
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-23. V5ADS3CNT Register Field Descriptions
Bit
Field
Type
Reset
Description
7:6
V5ADS3LVSEL[1:0]
RW
00
V5ADS3 low power mode output voltage set point - set at
assertion of SLP_S0#
00: Disabled, voltage stays at value set by V5ADS3VSEL[1:0]
01: Vnom - 4%
10: Vnom - 3%
11: Vnom - 2%
5:4
V5ADS3VSEL[1:0]
RW
10
Output voltage select
00: Vnom + 3%
01: Vnom + 2%
10: Vnom
11: Vnom - 2%
3:2
AOACCNTV5ADS3[1:0]
RW
10
Mode control for exit standby (rising edge of SLP_S0#) -
changes bits D[1:0] on exit
00: No change in bits D[1:0] - fast change mode disabled
01: Bits D[1:0] set to 01, Auto Mode, (automatic transition from
PFM to PWM)
10: Bits D[1:0] set to 10, Auto Mode, (automatic transition from
PFM to PWM)
11: Bits D[1:0] set to 11, forced PWM operation
1:0
CTLV5ADS3[1:0]
RW
10
Mode control (V5)
00: Converter disabled
01: Auto Mode, (automatic transition from PFM to PWM)
10: Auto Mode, (automatic transition from PFM to PWM)
11: Forced PWM operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com