Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 52 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 52 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 48Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 49Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 50Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 51Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 52Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 53Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 54Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 55Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 157 page
background image
52
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.3
Feature Description
6.3.1
Voltage Regulator Assignment and Powergood Comparator Logic Assignment
(External Voltage Regulator or Load Switch) for Skylake and Kabylake Platform
For the Skylake and Kabylake Power Map implementation, the five PMIC voltage regulators and LDO1 are
assigned with the low -voltage rails merged or split according to the configuration. For the Volume
(merged low voltage rails) configuration six external load switches are controlled and monitored by using
six powergood comparator logic blocs.
Table 6-1. Voltage Regulator and Powergood Comparator Logic Assignment for Skylake and Kabylake
Platforms
TPS650830
Skylake and Kabylake PLATFORM POWER
SYSTEM VOLTAGE RAIL
VOLUME (Merged Low Voltage Rails)
OUTPUT
VOLTAGE, Vout
DEFAULT, or
COMPARATOR
INPUT
SWITCHING
FREQUENCY,
Fsw
NVDC# = 1 / 0
LPM
VOLTAGE,
Vout
DEFAULT
POWER
GOOD
OUTPUT
SETTING,
(PGVRx or
PGx is PP or
OD)
VR1
V1.00A / V0.85A
1.00 V
500 kHz / 800
kHz
LPM = 1.00 V
PP
VR2
V1.8A
1.8 V
2 MHz / 2 MHz
LPM = 1.8 V
PP
VR3
V3.3A_DSW
3.3 V
800 kHz / 800
kHz
LPM = 3.3 V
PP
VR4
V1.2U
1.2 V,1.35 V,1.1
V
500 kHz / 800
kHz
LPM = 1.2
V,1.35 V,1.1
V
OD
VR5
V5A_DS3
5 V
800 kHz / 800
kHz
LPM = 5.0 V
PP
LDO1
V0.6Dx
0.6 V, 0.675 V,
0.55 V
-
LPM =
DDR_VTT_C
TRL = Off
NA
External
VR_a
none
-
-
-
NA
External
VR_b
none
-
-
-
NA
Powergood
Comparator
Logic a
V3.3A_PCH Enable/Sense External Load Switch
3.3 V,
Comparator
Analog Input
–
–
PP
Powergood
Comparator
Logic b
V1.8U_2.5U Enable/Sense External Load Switch
1.8 V,
Comparator
Analog Input
–
–
PP
Powergood
Comparator
Logic c
Generic Comparator
-
–
–
--
Powergood
Comparator
Logic d
VCCIO Enable/Sense External Load Switch
1.00 V,
Comparator
Analog Input
–
–
PP
Powergood
Comparator
Logic e
V3.3S Sense External Load Switch
3.3 V,
Comparator
Analog Input
–
–
PP
Powergood
Comparator
Logic f
V1.8S Sense External Load Switch
1.8 V,
Comparator
Analog Input
–
–
PP
Powergood
Comparator
Logic g
V1.0S Sense External Load Switch
1.00 V,
Comparator
Analog Input
–
–
OD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com