Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 33 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 33 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 29Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 30Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 31Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 32Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 33Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 34Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 35Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 36Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 157 page
background image
33
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VR3_Powergood Mask time during
Decay ramp up (exit Decay)
PWM is forced for 30 µs starting 80 µs
after DVS exit, This includes the last 20
µs of the final ramp up steps, and until 10
µs after the internal reference has
stepped up to the final voltage setting.
Forced PWM allows a fast transient
response and smaller output voltage
ripple during the transition.
27
30
33
μs
Overtemperature protection
130
145
160
°C
Overtemperature hysteresis
10
°C
VR4 Controller POWER
Input voltage
Parametric and functional
5.4
7.4
21
V
Input voltage
Functional
5.4
7.4
24
V
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b000
DDRID = 0 V
1.236
V
Output voltage
Power save mode disabled, Output
voltage select registerV1P2UCNT[6:4] =
3'b001
DDRID = 0 V
1.224
V
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b010
DDRID = 0 V
1.212
V
Output voltage
Power save mode disabled, Output
voltage select registerV1P2UCNT[6:4] =
3'b011, default
DDRID = 0 V
1.200
V
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b100
DDRID = 0 V
1.188
V
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b101
DDRID = 0 V
1.176
V
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b110
DDRID = 0 V
1.164
V
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b111
DDRID = 0 V
1.152
V
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b000
DDRID = 3.3 V
1.391
V
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b001
DDRID = 3.3 V
1.377
V
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b010
DDRID = 3.3 V
1.364
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com