Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 16 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 16 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 12Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 13Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 14Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 15Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 16Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 17Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 18Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 19Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 157 page
background image
16
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.2
ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
1500
V
Charged device model (CDM), per JEDEC specification JESD22-C101
(2)
500
V
5.3
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX UNIT
CHIP
Power input pins: VIN, VINLDO3
-0.3
21
V
Analog ground pins: AGND1, AGND2, AGND3, AGND4, AGND (16 center pins)
-0.3
0.3
V
SWITCHING REGULATORS
Input pins - controllers: VINVR3, VINVR5
-0.3
21
V
Switch pins - controllers: SWVR1 , SWVR3 , SWVR4 , SWVR5
-1
21
V
High drive pins - controllers: DRVHVR1, DRVHVR3, DRVHVR4, DRVHVR5
-0.3
26
V
Low drive pins - controllers: DRVLVR1, DRVLVR3, DRVLVR4, DRVLVR5
-0.3
5
V
Bootstrap pins - controllers: VBSTVR1, VBSTVR3, VBSTVR4, VBSTVR5
-0.3
26
V
Bootstrap pins - controllers: (differential voltage between VBSTVRx and SWVRx)
-0.3
5
V
Input pin - converter: VINVR2
-0.3
3.3
V
Switch pins - Converter: SWVR2
-1
3.3
V
Power ground pins: PGNDVR1, PGNDVR2, PGNDVR3, PGNDVR4, PGNDVR5
-0.3
0.3
V
Enable pins: ENVR1, ENVR2, ENVR3, ENVR4, ENVR5
-0.3
3.3
V
NVDC select pin: NVDC#
-0.3
3.3
V
Positive remote feedback pins: FBVR1P, FBVR2P, FBVR3P, FBVR4P
-0.3
3.3
V
Positive remote feedback pin: FBVR5P
-0.3
5
V
Negative remote feedback pins: FBVR1N, FBVR2N, FBVR3N, FBVR4N, FBVR5N
-0.3
0.3
V
Gate drive regulator input power pins: VREGVR1, VREGVR2, VREGVR4
-0.3
5
V
Low-side current limit: ILIMVR1, ILIMVR3LS, ILIMVR4, ILMVR5LS
-0.3
3.3
V
High-side current limit: ILMVR3HS, ILMVR5HS
-0.3
3.3
V
LDO REGULATOR
Input pin: VINLDO1
-0.3
3.3
V
Output pin: VOUTLDO1
-0.3
1.65
V
Power ground pin: PGNDLDO1
-0.3
0.3
V
Input feedback pin: VINLDO1S
-0.3
3.3
V
Output feedback pin: FBLDO1
-0.3
1.65
V
I2C
SCLK, SDAT, SLAVEADDR
-0.3
3.3
V
POWERGOOD COMPARATOR LOGIC
Powergood (push/pull) supply for input pins: VDDPG
-0.3
3.3
V
Powergood input voltage sense pins: VSA, VSB, VSC, VSD, VDE, VSF, VSG, VSH
-0.3
5
V
Powergood enable pins: ENA, ENB, ENC, END, ENE, ENF, ENG, ENH
-0.3
3.3
V
Powergood output pins: PGA, PGB, PGC, PGD, PGE, PGF, PGG, PGH, PGVR1, PGVR2, PGVR3, PGVR4, PGVR5
-0.3
3.3
V
POWERGOOD TREE LOGIC
Open-drain outputs: DPWROK, RSMRSTZ_PWRGD, VCCST_PGOOD, SYS_PWROK, ALL_SYS_PWRGD,
PCH_PWROK
-0.3
3.3
V
DDR CONTROL
Input pins: DDR_VTT_CTRL, DDRID
-0.3
3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com