Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 71 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 71 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 67Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 68Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 69Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 70Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 71Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 72Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 73Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 74Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 157 page
background image
71
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.4.1
OFF State - No VIN and No Backup Battery
If the VIN and the VBATTBKUP battery are both lower than their respective UVLOs then, the device will
be in the OFF state. In this state the device will not be able to turn on or enable any VRs or discrete load
switches / regulators. The clock and I2C are not active in this state.
In the OFF state, the power path switch comparators, ACIN, BAT1, and BAT2 are the only block available
for use. In order to use these comparators the VINPP must be supplied with the highest of the 3 input
voltages from AC, BAT1, and BAT2. In all other states the VINPP must be supplied from the same source
as VIN.
6.4.2
Startup
The device enters STARTUP once the VIN > UVLO. During STARTUP LDO3V, LDO5V, and VREF1V25
ramp up. Once both LDO3V and LDO5V reach their nominal voltage and their powergoods assert HIGH,
the OTP loads into the I2C registers. After the LDO5V_PG asserts HIGH, the RTC LDO is turned on and
the V3.3A_RTC is regulated to 3.1 V powered from the LDO5V. Once the OTP is loaded and the RTC is
regulated to 3.1 V the device enters READY state.
6.4.3
Ready State
The device is considered to be in the READY state once, all of the internal supplies and RTC are
regulated and the OTP is loaded into the registers. In this state the device is ready for enable commands.
The comparators, level shifters and all other blocks are available for use.
6.4.4
S5/S4 State
The S5/S4 states are entered when the V3.3A_DSW, V1.8A, V5A_DS3, V3.3A_PCH, V0.85A, and V1.00A
are all enabled and regulating with valid powergoods. In this state the RSMRST#_PWRGD will be
asserted HIGH.
6.4.5
S3 State
To enter S3 state the SLP_S4# signal must be asserted HIGH. Upon SLP_S4# assertion the VDDQ
(VR4), and V1.8U rails are turned on.
6.4.6
S0 State
To enter S0 state the SLP_S3# signal must be asserted HIGH in addition to valid 3.3-V, 1.8-V, and 1.0-V
signals on VSE, VSF, and VSG pins. Upon PGG = 1 and PGVR4 = 1 the VCCIO and rail is turned on and
the device transitions to S0 state. ALL_SYS_PWRGD asserts HIGH in this state.
6.4.7
Standby
Standby is entered when the STANDBYZ pin transitions from HIGH to LOW provided that
ALL_SYS_PWRGD is HIGH. During the STANDBY state the device will DVS and/or decay the VRs that
are programmed to DVS or decay from the I2C register definitions, (registers x30 - x38).
6.4.8
DSx State
The DSx state is entered from STARTUP by the enabling of V3.3A_DSW. From the S5/S4 states it can be
entered by either pulling the SLP_SUS# signal LOW or writing to VREN, EC_SLP_S4 = EC_DS4 = 1. In
this state, the V5A_DS3 and V1.8A may be turned off.
6.4.9
Emergency Shutdown
Emergency Shutdown is a protection feature for the system loads. It reduces the risk of reverse bias in the
processor or other devices from once rail to another. Once Emergency Shutdown is initiated the
DPWROK pin is pulled LOW, discharge resistors are enabled for all rails, and all rails are disabled at the
same time. The PMIC remains in Emergency Shutdown until any of the follow occurs:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com