Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 86 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 86 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 82Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 83Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 84Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 85Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 86Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 87Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 88Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 89Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 157 page
background image
86
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.6.1.15 PWRSTAT1 Register (address = 0x16) [reset = 00000000]
Figure 6-37. PWRSTAT1 Register Format
B7
B6
B5
B4
B3
B2
B1
B0
VCCIO_FAULT
V5A_DS3_FAU
LT
V33A_DSW_F
AULT
V33A_PCH_FA
ULT
V18A_FAULT
V18U_25U_FA
ULT
V12U_FAULT
V06DX_FAULT
0
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-18. PWRSTAT1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
VCCIO_FAULT
RW
0
These bits indicate that the VR has lost regulation
0: Clears register
1: Indicates power fault
6
V5A_DS3_FAULT
RW
0
These bits indicate that the VR has lost regulation
0: Clears register
1: Indicates power fault
5
V33A_DSW_FAULT
RW
0
These bits indicate that the VR has lost regulation
0: Clears register
1: Indicates power fault
4
V33A_PCH_FAULT
RW
0
These bits indicate that the VR has lost regulation
0: Clears register
1: Indicates power fault
3
V18A_FAULT
RW
0
These bits indicate that the VR has lost regulation
0: Clears register
1: Indicates power fault
2
V18U_25U_FAULT
RW
0
These bits indicate that the VR has lost regulation
0: Clears register
1: Indicates power fault
1
V12U_FAULT
RW
0
These bits indicate that the VR has lost regulation
0: Clears register
1: Indicates power fault
0
V06DX_FAULT
RW
0
These bits indicate that the VR has lost regulation
0: Clears register
1: Indicates power fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com