Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 25 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 25 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 21Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 22Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 23Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 24Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 25Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 26Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 27Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 28Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 157 page
background image
25
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Decay exit slew rate for rising
edge
Decay rising edge slew rate for VVOUT to
change from the lower target to the upper
target after STANDBYZ (SLP_S0#)
changes from Low to High . Total ramp
time = ((Vout_high - 0 V) / slew_rate).
12
15
17
mV / μs
VR1 Controller MOSFET Drivers
DRVH resistance
Source, IDRVH = -50 mA
3.0
4.5
Ω
DRVH resistance
Sink, IDRVH = 50 mA
2.0
3.5
Ω
DRVL resistance
Source, IDRVL = -50 mA
3.0
4.5
Ω
DRVL resistance
Sink, IDRVL = 50 mA
0.8
2.0
Ω
Dead time
DRVH - off to DRVL - on
10
ns
Dead time
DRVL - off to DRVH - on
20
ns
High-side driver minimum on-time
DRVH - on
65
80
105
ns
High-side driver minimum off-time
DRVH - off
235
260
285
ns
VR1 Controller OUTPUT DISCHARGE
Output auto discharge resistance
Discharge register value: 00, Default
1000
kΩ
Output auto discharge resistance
Discharge register value: 01
90
125
160
Ω
Output auto discharge resistance
Discharge register value: 10
170
225
315
Ω
Output auto discharge resistance,
Default
Discharge register value: 11
450
550
690
Ω
VR1_Controller Feedback input
resistance
Controller enabled
1
2.25
MΩ
VR1_Bootstrap switch ON
resistance (Rdson)
-40
≤ TA ≤ 125°C
15
25
Ω
VR1 Controller CONTROL
VR1_Powergood exit threshold
high
Fail when Vout increasing
105.5%
108%
110.5%
VR1_Powergood threshold high
hysteresis
Good when Vout decreases (after a
PGOOD fail event)
-3%
VR1_Powergood exit threshold low Fail when Vout decreasing
89.5%
92%
94.5%
VR1_Powergood threshold low
hysteresis
Good when Vout increases (after a
PGOOD fail event)
3%
VR1_Powergood deglitch time for
both rising and falling edges
FBVR1P voltage must cross powergood
threshold and stay for at least this time to
change powergood output state.
Measured from FBVR1P into or out of
powergood threshold, until PGVR1
toggles, for both rising and falling edges.
27
30
33
μs
VR1_Powergood Mask time during
and after soft-start ramp-up time
Powergood is kept low and power fault is
masked during soft-start until 100 µs after
the internal reference has stepped up to
the final voltage setting.
9
10
11
ms
VR1_Powergood Mask time during
DVS ramp down (enter DVS)
Powergood is kept high and masked
during DVS enter, ramp down, and until
100 µs after the internal reference has
stepped down to the final voltage setting.
ramp-
down +
90
ramp-
down +
100
ramp-
down +
110
μs
VR1_Powergood Mask time during
DVS ramp up (exit DVS)
Powergood is kept high and masked
during DVS exit, ramp up, and until 100
µs after the internal reference has
stepped up to the final voltage setting.
ramp-
up + 90
ramp-
up +
100
ramp-
up +
110
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com