Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 75 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 75 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 71Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 72Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 73Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 74Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 75Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 76Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 77Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 78Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 157 page
background image
SCL
...
...
...
SDA
Slave Address
Slave Address
Register
Address
..
..
A6
R0
ACK
R7
ACK
R/W
A0
0
0
0
0
Stop
Start
NOTE: SLAVE=This Device
...
..
ACK
D0
D7
ACK
R/W
A0
A6
1
Slave
Drives
the Data
Master
Drives
ACK and Stop
Repeated
Start
..
SCL
...
...
...
SDA
Slave Address
Data
Register Address
...
...
...
A6
R6
R5
R0 ACK
D7
D6
D5
D0 ACK
R7
ACK
R/W
A0
A4
A5
0
0
0
0
Stop
Start
NOTE: SLAVE=This Device
75
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
Figure 6-21. I2C Interface WRITE to Device in F/S Mode
Figure 6-22. I2C Interface READ from Device in F/S Mode
6.6
Register Map
Table 6-3. Register Summary
Register Address
Register Name
Domain
Short Description
x00
VENDORID
UVLO
Code that indicated a Texas Instruments' PMIC
device.
x01
REVID
UVLO
Code to identify device revision and
programming revision.
x02
IRQLVL1
RTC
Top level interrupts
x04
PWRSRCINT
RTC
Input power interrupts
x05
PMUINT
RTC
PMU interrupts
x08
RESETIRQ1
RTC
Emergency Shutdown interrupts
x09
RESETIRQ2
RTC
Emergency Shutdown interrupts
x0B
MPMUINT
RTC
Mask PMU interrupts
x0C
MPWRSRCNT
RTC
Mask input power interrupts
x11
RESETIRQ1MASK
RTC
Mask Emergency Shutdown interrupts
x12
RESETIRQ2MASK
RTC
Mask Emergency Shutdown interrupts
x13
IRQLVL1MSK
RTC
Mask top level interrupt
x14
PBCONFIG
RTC
Power Button configuration
x15
PBSTATUS
RTC
Power Button Status
x16
PWRSTAT1
RTC
VR Fault Reporting
x17
PWRSTAT2
RTC
VR Fault Reporting
x18
PGMASK1
RTC
Mask VR PGs from System Power Good Tree
x19
PGMASK2
RTC
Mask VR PGs from System Power Good Tree
x30
VCCIOCNT
UVLO
VCCIO (PGD ) Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com