Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 57 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 57 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 53Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 54Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 55Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 56Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 57Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 58Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 59Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 60Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 157 page
background image
VDC
VIN
LDO3P1V
VBATTBKUP
VBATTBKUP
LDO5V
3.1V LDO
UVLO
V3P3A_RTC
V3P3A_RTC
RTC
DIG
1kW
Coincell
Battery
Copyright © 2016, Texas Instruments Incorporated
57
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.3.6
RTC Selector and 3.1-V LDO
The RTC selector is used to select between the coincell backup battery or the internal 3.3-V LDO to power
the 3P3A_RTC output rail for the RTC domain rail. If the Vin is below the UVLo5V threshold, the coincell
battery is selected. If the Vin is greater than the UVLO5V, then the internal 3.1-V LDO is selected. The
backup battery selector logic has a very low current draw when battery is selected to extend the charge
life of the backup battery. This rail allows keeping the RTC registers' data even when the adapter and
main battery is removed from the system. If the coincell voltage falls below the minimum threshold, the
RTC registers will be reset to the default values. The 3.1-V LDO is at 3.1 V to ensure the PCH voltage is
always below 3.2 V maximum to protect the PCH.
Figure 6-6. RTC Selector and 3.1-V LDO
6.3.7
Power Path Comparators
The Power Path comparators are high voltage comparators rated at 28 V both input and output that are
independent of the rest of the PMIC. These can be used even when the PMIC is powered down, as long
as the VINPP pin is above the UVLO5V threshold. Connect a resistor divider from the source to set the
1.25-V trigger threshold. These comparators can be used to detect adapter, and up to two batteries. An
open-drain pin can detect the status, and a status register detects the status, that can issue an interrupt to
the EC. The high voltage rated outputs can be used to turn on external P-channel power MOSFETs to
control the power source path. A diode "OR" connection from all the power sources used is recommended
to ensure the VINPP is up when a source is available. If these comparators are not used tie the VINPP pin
to VIN and VIN_LDO3. Do not ground the VINPP pin when the VIN pin is powered up. These comparators
can also be used a general purpose comparators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com