Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 62 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 62 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 58Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 59Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 60Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 61Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 62Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 63Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 64Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 65Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 157 page
background image
VOUT
Dynamic Voltage Scaling (DVS) Timing
FORCE
PWM
PGOOD
MASK
Number of Steps *T,
where Number of Steps = [(VOUT_hi – VOUT_lo)/25mV per step];
T=3, 5, 6, or 7us per step
100us
10us
100us
10us
Number of Steps *T
Number of Steps *T
STANDBY#
(LPM)
Low Power Mode (LPM)
62
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
Figure 6-11. Dynamic Voltage Scaling (DVS) Transition Timing
The DVS Timing is controlled by the stepping the internal reference down/up. The total ramp down/up
transition time is equal to the step time times the number of steps. The number of steps is equal to [(the
VOUT_hi voltage minus the VOUT_lo voltage) divided by 25 mV per step]. The step time of 5 µs per 25-
mV step ensures a time less than 70 µs for a 300-mV voltage change. The Controller is forced in PWM
from the STANDBY# (LPM) transition until 10 µs after the reference ramp down/up ends. This helps
ensure a fast response. Likewise the Powergood signal for that rail is masked from the STANDBY# (LPM)
transition until 100 µs after the internal reference ramp down/up ends. This ensures there is no false
powergood fault turn-off during DVS. In most cases undershoot/overshoot is negligible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com