Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 76 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 76 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 72Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 73Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 74Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 75Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 76Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 77Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 78Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 79Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 157 page
background image
76
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
Table 6-3. Register Summary (continued)
Register Address
Register Name
Domain
Short Description
x31
V5ADS3CNT
UVLO
V5A_DS3 (VR5 ) Control
x32
V33ADSWCNT
UVLO
V3.3A_DSW (VR3 ) Control
x33
V33APCHCNT
UVLO
V3.3A_PCH (PGE) Control
x34
V18ACNT
UVLO
V1.8A (VR2 ) Control
x35
V18U25UCNT
UVLO
V1.8U_2.5U (PGB) Control
x36
V1P2UCNT
UVLO
V1.2U / VDDQ (VR4) Control
x37
V100ACNT
UVLO
V1.00A (VR1) Control
x38
V08ACNT
UVLO
V0.85A (VR1 ) Control
x3B
VRMODECTRL
UVLO
Force Low Power Mode
x3C
DISCHCNT1
UVLO
Discharge Resistors Settings
x3D
DISCHCNT2
UVLO
Discharge Resistors Settings
x3E
DISCHCNT3
UVLO
Discharge Resistors Settings
x3F
DISCHCNT4
UVLO
Discharge Resistors Settings
x40
PWRGDCNT1
UVLO
System Level Power Goods
x41
VREN
UVLO
Deep Sleep Enable
x42
REGLOCK
UVLO
Lock for Control Registers, x30 - x38
x43
VRENPINMASK
UVLO
Mask hardware enable pins
x48
RSTCTRL
RTC
Reset Control
x49
SDWNCTRL
UVLO
Software Force Shutdown
x51
VDLMTCRT
UVLO
VDCSNS Settings
x69
ACOKDBDM
UVLO
ACOK Settings
x6A
LOWBATTDET
UVLO
Battery Detection Settings
x6F
SPWRSRCINT
UVLO
Input power Statuses
xD0
CLKCTRL1
RTC
Clock Control
xDD
COMPA_REF
UVLO
Comparator A Settings
xDE
COMPB_REF
UVLO
Comparator B Settings
xDF
COMPC_REF
UVLO
Comparator C Settings
xE0
COMPD_REF
UVLO
Comparator D Settings
xE1
COMPE_REF
UVLO
Comparator E Settings
xE2
COMPF_REF
UVLO
Comparator F Settings
xE3
COMPG_REF
UVLO
Comparator G Settings
xE4
COMPH_REF
UVLO
Comparator H Settings
xE5
PWRFAULT_MASK1
UVLO
Mask VR Faults from Emergency Shutdown
xE6
PWRFAULT_MASK2
UVLO
Mask VR Faults from Emergency Shutdown
xE7
PGOOD_STAT1
UVLO
VR PGs Statuses
xE8
PGOOD_STAT2
UVLO
VR PGs Statuses
xE9
MISC_BITS
UVLO
Misc. Bits
xEA
STDY_CTRL
RTC
VCOMP and Standby Control
xEB
TEMPCRIT
RTC
VR Critical Temperature
xEC
TEMPHOT
RTC
VR Hot Temperature
xED
OVERCURRENT
RTC
VR Overcurrent
xEE
VREN_PIN_OVR
UVLO
VR Enable Override with Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com