Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 12 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 12 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 8Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 9Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 10Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 11Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 12Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 13Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 14Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 15Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 157 page
background image
12
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Pin Configuration and Functions
Copyright © 2014–2016, Texas Instruments Incorporated
Table 4-1. Pin Functions (continued)
PIN
I/O
TYPE(1)
DESCRIPTION
NAME
ZAJ
PACKAGE
NUMBER
ZCG
PACKAGE
NUMBER
VDDIO
E1, M13
F1, P16
I
VR
Voltage supply input for I/O buffers. VDDIO should be tied to LDO3V
(3.3 V)
VDDLV
L8
N10
I
VR
LVx buffer supply, sets output level for Level Shifter pins
VDDPG
D1
G2
I
VR
PGx supply, sets output level for PG pins for A-H, if PG pin is push-
pull
VDD5 VPROGOTP
D3
D3
I
AS
Always connect to LDO5V. supply voltage for OTP programming
(must be connected to LDO5V in normal operation)
VIN
N6
T8
I
VR
IC input voltage
VINLDO1
A6, B6
A7, B7
I
VR
LDO1 Input supply
VINLDO3
M8
R10
I
VR
LDO3V input supply
VINLDO1S
F9
H9
I
AS
LDO1 Input voltage reference sense (Connect to vout of VR4 at
output load capacitor)
VINPP
E5
H7
I
AS
VIN for Power Path Domain. Connect to external diode OR from: AC,
BAT1, BAT2.
VINVR2
F12, F13
H15, H16
I
VR
VR2 Power Input voltage. Connect to a 3.3-V voltage regulator, such
as V3.3A_DSW .
VINVR3
G9
H11
I
AS
VR3 Input voltage sense and high-side current-sense (Kelvin connect
to drain of high-side FET)
VINVR5
L7
N8
I
AS
VR5 Input voltage sense and high-side current-sense (Kelvin connect
to drain of high-side FET)
VIN5VSW
N5
T7
I
VR
Internal load switch from 5-V switching regulator to LDO5Voutput.
Connect VIN5VSW to 5-V switching regulator output.
VOUTLDO1
A8, B8
A9, B9
O
VR
LDO1 Output voltage, VOUTLDO1 = (1/2 * VINLDO1SNS)
VOUT3V3SW
M7
P9
O
VR
EC domain load switch output and discharge path from LDO3V
VREF1V25
B1
D1
O
AS
Decoupling cap connection for internal voltage reference
VREGVR1
M10
R12
I
VR
5-V drive supply input (shorted on board with LDO5V), supply for VR1
and VR5
VREGVR2
E13
G16
I
VR
VR2 5-V drive supply input (shorted on board with LDO5V)
VREGVR4
B4
B5
I
VR
VR4 5-V drive supply input (shorted on board with LDO5V), shared
with VR3
VSA
E7
F7
I
AS
Powergood comparator input and discharge path for external rail
VSB
K9
M9
I
AS
Powergood comparator input and discharge path for external rail
VSC
K8
L8
I
AS
Powergood comparator input and discharge path for external rail
VSD
E6
L10
I
AS
Powergood comparator input and discharge path for external rail
VSE
F4
G6
I
AS
Powergood comparator input and discharge path for external rail
VSF
E8
J8
I
AS
Powergood comparator input and discharge path for external rail
VSG
J10
K7
I
AS
Powergood comparator input and discharge path for external rail
VSH
F5
G8
I
AS
Powergood comparator input and discharge path for external rail
V3P3A_RTC
C13
D16
O
AS
PCH RTC power supply
1HZ
K11
M13
O
D
1-Hz clock output for waking up embedded controller, EC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com