Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 29 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 29 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 25Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 26Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 27Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 28Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 29Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 30Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 31Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 32Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 157 page
background image
29
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VR2_Powergood Mask time during
DVS ramp up (exit DVS)
Powergood is kept high and masked
during DVS exit, ramp up, and until 100
µs after the internal reference has
stepped up to the final voltage setting.
ramp-
up + 90
ramp-
up +
100
ramp-
up +
110
μs
VR2_Force PWM time during DVS
ramp down (enter DVS)
PWM is forced during DVS enter, ramp
down, and until 10 µs after the internal
reference has stepped down to the final
voltage setting. Forced PWM allows a fast
transient response and smaller output
voltage ripple during the transition.
ramp-
down +
9
ramp-
down +
10
ramp-
down +
11
μs
VR2_Force PWM time during DVS
ramp up (exit DVS)
PWM is forced during DVS exit, ramp up,
and until 10 µs after the internal reference
has stepped up to the final voltage
setting. Forced PWM allows a fast
transient response and smaller output
voltage ripple during the transition.
ramp-
up + 9
ramp-
up + 10
ramp-
up + 11
μs
Over temperature protection THOT
120
140
°C
Over temperature hysteresis
THOT
10
°C
Over temperature protection
TSHUT
130
160
°C
Over temperature hysteresis
TSHUT
10
°C
VR3 Controller POWER
Input voltage
Parametric and functional
5.4
7.4
21
V
Input voltage
Functional
5.4
7.4
24
V
Output voltage
Power save mode disabled (STANDBYZ
(SLP_S0#) = H, or STANDBYZ
(SLP_S0#) = L, V33ADSWCNT[7:6] =
2'b00, V33ADSWCNT[5:4] = 2'b00)
3.399
V
Output voltage
Power save mode disabled (STANDBYZ
(SLP_S0#) = H, or STANDBYZ
(SLP_S0#) = L, V33ADSWCNT[7:6] =
2'b00, V33ADSWCNT[5:4] = 2'b01)
3.366
V
Output voltage - Default
Power save mode disabled (STANDBYZ
(SLP_S0#) = H, or STANDBYZ
(SLP_S0#) = L, V33ADSWCNT[7:6] =
2'b00, V33ADSWCNT[5:4] = 2'b10)
(DEFAULT)
3.3
V
Output voltage
Power save mode disabled (STANDBYZ
(SLP_S0#) = H, or STANDBYZ
(SLP_S0#) = L, V33ADSWCNT[7:6] =
2'b00, V33ADSWCNT[5:4] = 2'b11)
3.234
V
Output voltage
Power save mode enabled, STANDBYZ
(SLP_S0#) = STANDBYZ = L,
V33ADSWCNT[7:4] = 4'b01XX
3.168
V
Output voltage
Power save mode enabled, STANDBYZ
(SLP_S0#) = STANDBYZ = L,
V33ADSWCNT[7:4] = 4'b10XX
3.201
V
Output voltage
Power save mode enabled, STANDBYZ
(SLP_S0#) = L, V33ADSWCNT[7:4] =
4'b11XX
3.234
V
Current limit (Vsw - PGND)
VTRIP = 0.2 V
-30
-25
-20
mV
VTRIP = 0.8 V
-105
-100
-95
mV
VTRIP = 2 V
-260
-250
-240
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com