Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 19 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 19 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 15Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 16Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 17Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 18Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 19Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 20Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 21Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 22Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 157 page
background image
19
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO (LDO3V)
Output current
Maximum current for external user is
limited 40 mA
40
mA
ISC (LDO3V)
Output circuit current limit
Measured at 90% of the regulation
voltage
75
mA
Line regulation
VO(LDO3V)
Line regulation for regulator over
operating voltage range
VIN = 5.4 V to 21 V, Measured as
(ΔVO(LDO3V)/VO(LDO3V)) over the operating
range with 20-mA load current. measured
at LDO3V pin with respect to AGND pin
0.5%
Load regulation
VO(LDO3V)
Load regulation for regulator over
operating current range
VIN = 7.4 Measured as
(ΔVO(LDO3V)/VO(LDO3V)) over this operating
range with 0-mA to 50-mA load current.
measured at LDO3V pin with respect to
AGND pin
0.5%
CO (LDO3V)
External output capacitance range
after derating
Actual capacitance after derating. ex: 2.7-
µF capacitance, then use a 4.7-µF
capacitor with 60% deratingat 3.3 V.
2.2
4.7
10
μF
TR (LDO3V)
Rise time
Measured from 5% to 95% of the output
voltage with 2.2 μF
300
450
μs
CONTROL - INPUT/ OUTPUT BUFFERS
CONTROL - DDR_VTT_CTRL (Intel external connection DDR_VTT_CTRL) - 1 V logic, tolerates 3 V
VIL_DDR_VTT_CTR
L
DDR_VTT_CTRL input low voltage Input low voltage threshold
0.49
V
VIH_DDR_VTT_CTR
L
DDR_VTT_CTRL input high
voltage
Input high voltage threshold
0.61
V
VHYST_DDR_VTT_
CTRL
DDR_VTT_CTRL hysteresis
voltage
Hysteresis voltage
70
mV
Ileakage_DDR_VTT_
CTRL
DDR_VTT_CTRL input current
Input current, Clamped to 1.0 V
0.01
0.2
μA
CONTROL - INPUT TTL BUFFERS (ALL INPUT PINS), (DEFAULT: SHUTDOWNZ, STANDBYZ, ENLVA, EN3V3SW, EN5VSW, ENVR1,
ENVR2, ENVR3, ENVR4, ENVR5, ENA. ENB, ENC, END, ENE, ENF, ENG, ENH), (OPTIONAL: VSA, VSB, VSC, VSD, VSE, VSF, VSG,
VSH, ENLVA)
VIL_INPUTS
Input low voltage
0.4
V
VIH_INPUTS
Input high voltage
1.2
V
VHYST_INPUTS
Hysteresis voltage
300
mV
Ileakage_INPUTS
Input current
Clamped on 3.3 V
0.01
0.3
μA
VIL_PWRBTNZ
Input low voltage for PWRBTNZ
0.4
V
VIH_PWRBTNZ
Input high voltage for PWRBTNZ
Internal 5-kΩ pull-up resistor between
PWRBTNZ pin and VDDIO
1.6
V
VHYST_PWRBTNZ
Hysteresis voltage for PWRBTNZ
580
mV
IOutput_PWRBTNZ
Output current for PWRBTNZ
when power button is pressed to
close and pulling PWRBTNZ to
GND.
PWRBTNZ = GND, Internal 5-kΩ pull-up
resistor between PWRBTNZ pin and
VDDIO
660
790
μA
TEC_ONOFFZ_Debo
uinc_0e
EC_ONOFFZ_Debounce time, 0
setting
Time set to 0 ms, Measured from 0.5%
PWBTNZ rising to 5% of the
EC_ONOFFZ output
0
ms
TEC_ONOFFZ_Debo
uinc_30e
EC_ONOFFZ_Debounce time, 30
ms setting
Time set to 30 ms, Measured from 0.5%
PWBTNZ rising to 5% of the
EC_ONOFFZ output
30
ms
CONTROL - VDDIO DOMAIN PUSH-PULL OUTPUTS, (RESETZ, 1HZ, DS3_VREN), (Optional: PGVR1, PGVR2, PGVR3, PGVR4,
PGVR5)
VPP
Pull-up output voltage supply
Pulled-Up to VDDIO pin which should by
tied to LDO3V pin = 3.3 V
VDDIO
V
VOL_PP
Low level output voltage
IOL = 3 mA
0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com