Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 53 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 53 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 49Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 50Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 51Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 52Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 53Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 54Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 55Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 56Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 157 page
background image
Ref
INPUT
From Digital
DIG_ PGOOD
Comp_ Mode
COMP_PG_ Mode
0
1
Logic A
ANALOG
Comp
En
Type
0
1
0
1
ANA_ PGOOD
ANA_ PGOODL
Deglitch
Logic B
0
1
COMP_PG_ENB
ENABLE
DIGITAL
PGOOD
OD / PP
QUALIFIED_
ENABLE
OD/ PP
GENERIC POWERGOOD COMPARATOR LOGIC
FOR EXTERNAL VR or LOAD SW
Copyright © 2016, Texas Instruments Incorporated
53
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.3.2
Generic Powergood Window Comparator with Open-Drain Output
The generic powergood comparator monitors the output voltage to ensure it is within ±10% of the nominal
target voltage there is a 30-µs deglitch on both rising and falling edges of all comparators (converter,
controller, comparators). The open-drain output requires an external pull-up resistor - typically in the 100-
kΩ range. Open-Drain outputs can be combined to create an "AND" logic function.
Figure 6-1. Generic Powergood Window Comparator with Open-Drain Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com