Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 6 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 6 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 2Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 3Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 4Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 5Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 6Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 7Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 8Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 9Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 157 page
background image
6
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Device Options
Copyright © 2014–2016, Texas Instruments Incorporated
3
Device Options
Table 3-1. Voltage Regulator and Powergood Comparator Logic Assignment for Skylake and Kabylake
Platforms
TPS650830
Skylake and Kabylake PLATFORM POWER
SYSTEM VOLTAGE RAIL
VOLUME (Merged Low Voltage Rails)
OUTPUT
VOLTAGE, Vout
DEFAULT, or
COMPARATOR
INPUT
SWITCHING
FREQUENCY,
Fsw
NVDCZ = 1 / 0
LPM
VOLTAGE,
Vout
Default
POWER
GOOD
OUTPUT
SETTING,
(PGVRx or
PGx is PP or
OD)
VR1
V1.00A / V 0.85A
1.00 V
500 kHz / 800
kHz
LPM = 1.00 V
PP
VR2
V1.8A
1.8 V
2 MHz / 2 MHz
LPM = 1.8 V
PP
VR3
V3.3A_DSW
3.3 V
800 kHz / 800
kHz
LPM = 3.3 V
PP
VR4
V1.2U
1.2 V,1.35 V,1.1
V
500 kHz / 800
kHz
LPM = 1.2
V,1.35 V,1.1
V
OD
VR5
V5A_DS3
5 V
800 kHz / 800
kHz
LPM = 5.0 V
PP
LDO1
V0.6Dx
0.6 V, 0.675 V,
0.55 V
-
LPM =
DDR_VTT_
CTRL = Off
NA
External
VR_a
none
-
-
-
--
External
VR_b
none
-
-
-
--
Powergood
Comparator
Logic a
V3.3A_PCH Enable/Sense External Load Switch
3.3 V,
Comparator
Analog Input
–
–
PP
Powergood
Comparator
Logic b
V1.8U_2.5U Enable/Sense External Load Switch
1.8 V,
Comparator
Analog Input
–
–
PP
Powergood
Comparator
Logic c
Generic Comparator
- Comparator
Disabled
–
–
-
Powergood
Comparator
Logic d
VCCIO Enable/Sense External Load Switch
1.00 V,
Comparator
Analog Input
–
–
PP
Powergood
Comparator
Logic e
V3.3S Sense External Load Switch
3.3 V,
Comparator
Analog Input
–
–
PP
Powergood
Comparator
Logic f
V1.8S Sense External Load Switch
1.8 V,
Comparator
Analog Input
–
–
PP
Powergood
Comparator
Logic g
V1.0S Sense External Load Switch
1.00 V,
Comparator
Analog Input
–
–
OD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com