Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 40 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 40 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 36Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 37Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 38Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 39Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 40Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 41Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 42Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 43Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 157 page
background image
40
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Maximum load regulation with
respect to nominal Vout
ULQ/Auto Mode, VVIN = 7.4 V, IOUT = 0 A
to IMAX, Measured at the regulation point
output capacitor with Kelvin connections
made directly from the regulation point to
the differential feedback pins (FBVR5P -
FBVR5N).
-0.5%
0.75%
Maximum total output voltage load
transient variation with respect to
nominal Vout
DC and AC, ULQ/Auto Mode, VVIN = 5.7
V to 21 V (when Vout = 5 V), VVIN = 5.4 V
to 21 V (when Vout = 1.8 V), IOUT = 0 A to
70% max load, 70% max load to 0 mA
and IOUT = 30% max load to max load,
max load to 30% max load, di/dt = 2.5
A/µs, Measured at the regulation point
output capacitor with Kelvin connections
made directly from the regulation point to
the differential feedback pins (FBVR5P -
FBVR5N).
-5%
5%
VR5_Controller switching
frequency
PWM Mode (NVDC# = 3.3 V)
(TPS650830, TPS650832)
25
875
925
kHz
VR5_Controller switching
frequency
PWM Mode (NVDC# = 3.3 V =
programmed to low switching frequency)
430
500
550
kHz
PWM Mode (NVDC# = GND =
programmed to high switching frequency)
Frequency drops at Vin < 6 V close to
Vout = 5 V to extend Ton.
25
875
925
Soft-Start total turn-on time (start-
up time + output ramp-up time)
Time to start switching from enable to
95% of VO(Min), Continuous slope (no
slope reversal).
770
875
1200
μs
Soft-Start delay time
Delay time from enable to first switching
pulse.
120
135
150
μs
Soft-Start ramp-up time
From first switching pulse to 95% of
VO(Min), Continuous slope (no slope
reversal).
650
740
1050
μs
DVS total fall time (delay time +
output ramp-down time)
Time to start switching from enable to 5%
of VO(Min), Continuous slope (no slope
reversal).
56
61.25
68.5
μs
DVS delay time for falling edge
DVS delay time from when STANDBYZ
(SLP_S0#) changes from High to Low,
until the output voltage begins to fall.
1
1.25
1.5
μs
DVS ramp time for falling edge
From first switching pulse to 5% of
VO(Min), Continuous slope (no slope
reversal). Total ramp time = ((Vout_high -
Vout_low) / slew_rate). For Vout change
= 300 mV.
55
60
67
μs
DVS slew rate for falling edge
DVS falling edge slew rate for VVOUT to
change from the upper target to the lower
target after STANDBYZ (SLP_S0#)
changes from High to Low. Total ramp
time = ((Vout_high - Vout_low) /
slew_rate).
4.5
5
5.5
mV / μs
DVS total rise time (delay time +
output ramp-rise time)
Time to start switching from enable to
95% of VO(Min), Continuous slope (no
slope reversal).
56
61.25
68.5
μs
DVS delay time for rising edge
DVS delay time from when STANDBYZ
(SLP_S0#) changes from Low to High,
until the output voltage begins to rise.
1
1.25
1.5
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com